Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW110 Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW110
Description  HMIC Silicon PIN Diode Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW110 Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  MA4SW110 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW110 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW110 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW110 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW110 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW110 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW110 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4SW110 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4SW110 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HMIC™ Silicon PIN Diode Switches
Rev. V10
MA4SWx10 Series
7
7
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
7
MA4SW110
INCHES
MM
DIM
MIN.
MAX.
MIN.
MAX.
A
0.014
0.018
0.35
0.45
B
0.025
0.029
0.64
0.74
C
0.008 Ref.
0.20 Ref.
D
0.004
0.006
0.10
0.15
E
0.004 Ref.
0.10 Ref.
F
0.003 Ref.
0.08 Ref.
G
0.003 Ref.
0.08 Ref.
H
0.020 Ref.
0.52 Ref.
7. Topside and backside metallization is gold, 2.5 µm thick typical.
8. Yellow areas indicate ribbon/wire bonding pads
Chip Outline Drawings7,8
DIM
INCHES
MM
MIN.
MAX.
MIN.
MAX.
A
0.029
0.033
0.73
0.83
B
0.004
0.006
0.10
0.15
C
0.004 Ref.
0.10 Ref.
D
0.005 Ref.
0.13 Ref.
E
0.009 Ref.
0.23 Ref.
F
0.023 Ref.
0.58 Ref.
G
0.007 Ref.
0.17 Ref.
H
0.004 Ref.
0.10 Ref.
DIM
INCHES
MM
MIN.
MAX.
MIN.
MAX.
A
0.046
0.050
1.16
1.26
B
0.036
0.040
0.92
1.02
C
0.019 Ref.
0.48 Ref.
D
0.014 Ref.
0.36 Ref.
E
0.004 Ref.
0.10 Ref.
F
0.005 Ref.
0.13 Ref.
G
0.004
0.10
0.006
0.15
H
0.005 Ref.
0.12 Ref.
J
0.004 Ref.
0.10 Ref.
MA4SW210
MA4SW310



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com