Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW310 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW310
Description  HMIC Silicon PIN Diode Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW310 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4SW310 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW310 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW310 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW310 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW310 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW310 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW310 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4SW310 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4SW310 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HMIC™ Silicon PIN Diode Switches
Rev. V10
MA4SWx10 Series
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, 20 mA
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
6 GHz
13 GHz
20 GHz
dB
—
0.4
0.5
0.7
0.7
0.9
1.2
Isolation
6 GHz
13 GHz
20 GHz
dB
46
39
34
55
47
42
—
Input Return Loss
6 GHz
13 GHz
20 GHz
dB
22
15
14
31
33
27
—
Switching Speed1
—
ns
—
50
—
Voltage Rating2
—
V
—
—
50
Signal Compression
500 mW, 1 GHz
dB
—
0.2
—
1. Typical switching speed is measured from (10% to 90% and 90% to 10% of detected RF voltage), driven by TTL compatible drivers. In the
modulating state, (the switching port is modulating, all other ports are in steady state isolation.) The switching speed is measured using an
RC network using the following values: R = 50 - 200 Ω, C = 390 - 1000 pF. Driver spike current, IC = C dv/dt, ratio of spike current to steady
state current, is typically 10:1.
2. Maximum reverse leakage current in either the shunt or series PIN diodes shall be 10 µA maximum at -50 volts.
MA4SW110 (SPST)
MA4SW210 (SPDT)
MA4SW310 (SP3T)
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
6 GHz
13 GHz
20 GHz
dB
—
0.4
0.5
0.7
0.7
1.0
1.2
Isolation
6 GHz
13 GHz
20 GHz
dB
48
40
34
63
50
42
—
Input Return Loss
6 GHz
13 GHz
20 GHz
dB
20
18
15
27
25
25
—
Switching Speed1
—
ns
—
50
—
Voltage Rating2
—
V
—
—
50
Signal Compression
500 mW, 1 GHz
dB
—
0.2
—
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
6 GHz
13 GHz
20 GHz
dB
—
0.5
0.7
0.9
0.8
1.1
1.5
Isolation
6 GHz
13 GHz
20 GHz
dB
49
42
33
57
48
42
—
Input Return Loss
6 GHz
13 GHz
20 GHz
dB
20
14
11
24
22
21
—
Switching Speed1
—
ns
—
50
—
Voltage Rating2
—
V
—
—
50
Signal Compression
500 mW, 1 GHz
dB
—
0.2
—



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com