Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4PK3003 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4PK3003
Description  2000 Volt & 3000 Volt PIN Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4PK3003 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4PK3003 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4PK3003 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4PK3003 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4PK3003 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4PK3003 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4PK3003 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4PK3003 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4PK3003 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4PK3003 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
KILOVOLT™ Series
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2000 Volt & 3000 Volt PIN Diodes
MA4PK200X & MA4PK300X
Rev. 10
ABSOLUTE MAXIMUM RATINGS
MAXIMUM POWER DISSIPATION @ TCASE = 25°C
Operating and Storage Temp.
-65°C to +175°C
MA4PK2001
MA4PK2002
50 Watts
Installation Temperature
250°C/30 Seconds
MA4PK2003
MA4PK2004
37.5 Watts
Instantaneous Reverse Voltage
Voltage Rating
MA4PK3001
MA4PK3002
75 Watts
Forward Current (RF and DC)
25 Amperes
MA4PK3003
MA4PK3004
50 Watts
ESD
Class 1C, HBM
Electrical Specifications1 @ TA = 25°C
PARAMETER
CONDITION
MA4PK2000 Series
MA4PK3000 Series
Reverse Voltage (Max)
VR
10 μA
2000 Volts
3000 Volts
Series Resistance (Max)
RS
F = 4 MHz, I = 0.5 A
0.20 Ω
0.25 Ω
Series Resistance (Typ.)
RS
F = 1.0 -100 MHz, I = 0.5 A
0.10 Ω
0.15 Ω
Total Capacitance (Max)
CT
F = 1 MHz, V = 100 V
3.2 pF
4.0 pF
Parallel Resistance (Typ.)
RP
F =100 MHz, V = 0 V
5K Ω
10K Ω
Carrier Lifetime (Min)
TL
IF = 10 mA
30 μs
65 μs
Forward Voltage (Max)
VF
IF = 1 A
1.2 V
1.2 V
Thermal Resistance (Max)
Ø
3°C/W (Stud)
4°C/W (Ins Stud)
2°C/W (Stud)
3°C/W (Ins Stud)
I-Region Width (Nom)
200 μm
325 μm
1. Specifications Subject to Change Without Notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com