Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX52SA Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # NX52SA
Description  2.5V/3.3V LVPECL FS XO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

NX52SA Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  NX52SA Datasheet HTML 1Page - Pericom Semiconductor Corporation NX52SA Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-232-9100 TW: +886-3-4518888
• www.pericom.com
All specifications are subject to change without notice.
NX52SA
Rev B
03/06/15
2.5V/3.3V LVPECL FS XO
NX52SA
Ultra Low Jitter PLL Crystal Oscillator 5.0 x 3.2mm
Electrical Performance
Parameter
Min.
Typ.
Max.
Units
Notes
Output Frequency
5
1000
MHz
Supply Voltage
3.135
3.3
3.465
V
2.375
2.5
2.625
Supply Current, Output Enabled
80
mA
OE tied to "1" or open
Supply Current, Output Disabled only
40
mA
Output is Hi-Z
Frequency Stability
±20
±50
ppm
±20ppm is for -20°C to 70°C only
Operating Temperature Range
-40
+85
°C
Output Logic 0, VOL
VCC-1.55
V
Output Logic 1, VOH
VCC-1.2
V
Output Load
50Ω to VCC -2V output termination
Duty Cycle
45
55
%
Measured 50% VCC
Rise and Fall Time
400
ps
Measured 20/80% of waveform
Jitter, Accumulated , RMS (1-σ)
6
ps
20.000 adjacent periods
Jitter, Phase, RMS
< 40MHz
0.4
1
ps
12kHz to 5 MHz frequency band
40 to 1000MHz
0.4
1
ps
12kHz to 20 MHz frequency band
125MHz, 156.25MHz
0.4
0.6
ps
12kHz to 20 MHz frequency band
Jitter, pk-pk
40
ps
100,000 random periods
Notes:
1.
Stability includes all combinations of operating temperature, load changes, rated input (supply) voltage changes, initial calibration tolerance (25°C),
aging (1 year at 25°C average effective ambient temperature), shock and vibration.
2. Phase jitter typical value is depending on output frequencies.
3.
For specifications other than those listed, please contact sales.
Output Enable / Disable & Frequency Select Function
Parameter
Min.
Typ.
Max.
Units
Notes
Input Voltage (pin 1 & pin 2), OE & FS
0.7 VCC
V
Input Voltage (pin 1 & pin 2), OE & FS
0.3 VCC
V
Output Disable Delay
100
ns
Output Enable Delay
100
ns
Settling Time after FS Change
10
ms
Start up Time
10
ms
Absolute Maximum Ratings
Parameter
Min.
Typ.
Max.
Units
Notes
Storage Temperature
-55
+125
°C
For the latest product information visit:
http://www.pericom.com/products/crystals-and-crystal-oscillators/hiflex-xo/?part=NX52SA
For test circuit go to:
http://www.pericom.com/pdf/sre/tc-pecl-sa.pdf
For soldering reflow profile and reliability test ratings go to:
http://www.pericom.com/pdf/sre/reflow.pdf
For tape and reel information go to:
http://www.pericom.com/pdf/sre/tr_5032_xo.pdf
2
15-0051



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com