Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAMSS0044TR Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0044TR
Description  Push Pull CATV Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0044TR Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0044TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0044TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0044TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0044TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0044TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAMSS0044TR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Push Pull CATV Amplifier
50 - 1000 MHz
Rev. V1
MAAMSS0044
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
—
dB
11
12.5
13.5
Gain Flatness
—
dB
—
0.8
1.3
Noise Figure
—
dB
—
3.7
5
Input Return Loss
—
dB
—
15
—
Output Return Loss
—
dB
—
15
—
Output IP2
400 MHz, +4 dBm output
dBm
—
75
—
Output IP3
Two tones at 397 & 403 MHz, +8 dBm output/tone
dBm
—
42
—
Composite Triple Beat, CTB
79 Channels, +34 dBmV / Channel at the output
77 Channels, +39 dBmV / Channel at the output
dBc
dBc
—
—
-75
-65
-70
—
Composite Second Order, CSO
79 Channels, +34 dBmV / Channel at the output
77 Channels, +39 dBmV / Channel at the output
dBc
dBc
—
—
-85
-75
-80
—
Cross modulation
79 Channels, +34 dBmV / Channel at the output
77 Channels, +39 dBmV / Channel at the output
dBc
dBc
—
—
-75
-65
—
—
P1dB
400 MHz
dBm
—
24
—
IDD
+5 Volts
mA
—
225
280
Electrical Specifications: TA = 25°C, Freq: 50 - 1000 MHz, VDD = +5 Volts, Z0 = 75 Ω, Test
Circuit with M/A-COM Balun MABACT0069
Parameter
Absolute Maximum
Input Power
+20 dBm
Operating Voltage
+10 volts
Operating Temperature
-40°C to +85°C
Junction Temperature8
150°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings 5,6,7
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. M/A-COM does not recommend sustained operation near
these survivability limits.
7. These operating conditions will ensure MTTF > 1 x 106 hours.
8. Junction Temperature (TJ) = TC + Өjc * ((V * I) - (POUT - PIN))
Typical thermal resistance (Өjc) = 39° C/W.
a) For TC = 25°C,
TJ = 69 °C @ 5 V, 225 mA
b) For TC = 85°C,
TJ = 129 °C @ 5 V, 225 mA
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com