Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATSS0018SMB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0018SMB
Description  Digital Attenuator, 10 dB, 1-Bit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0018SMB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0018SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0018SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0018SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATSS0018SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATSS0018SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Digital Attenuator, 10 dB, 1-Bit
DC - 2.0 GHz
Rev. V2
MAATSS0018
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = +25°C, VC = 0 V / -3 V, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
0 - 1 GHz
1 - 2 GHz
dB
—
0.3
0.5
0.45
0.7
Attenuation
DC - 2 GHz
dB
9.5
10
10.5
VSWR
0 - 2 GHz
Ratio
—
1.4:1
—
IP3
2 Tone @ 0 dBm, 5 MHz spacing
dBm
—
50
—
P1dB
1 GHz
dBm
—
28
—
TRISE, TFALL
10% to 90% RF, 90% to 10% RF
ns
—
5
—
TON, TOFF
50% Control to 90% RF, 50% Control to 10% RF
ns
—
10
—
Transients
In Band
mV
—
6
—
Control Current
│VC│ = 3 V
µA
—
25
—
Absolute Maximum Ratings3,4
Parameter
Absolute Maximum
Input Power
50 MHz
500 - 2000 MHz
+27 dBm
+34 dBm
Control Voltage
-8.5 V < VC < +8 V
Operating Temperature
-40°C to +85°C
Storing Temperature
-65°C to +150°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. MACOM does not recommend sustained operation near these
survivability limits.
V1
V2
Attenuation State
0
1
10 dB
1
0
Insertion Loss
Truth Table5,6,7
5. For positive voltage control, external DC blocking capacitors
are required on all RF ports (pins 1, 2 and 3)
6. Differential voltage, V(state 1) - V(state 0), must be +2.8 V
minimum and less than 8 V.
7. 0 = -8 V to 0.2 V, 1 = -0.2 V to 8 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com