Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATSS0022SMB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0022SMB
Description  Digital Attenuator, 5-Bit, 15.5 dB
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0022SMB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0022SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0022SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0022SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATSS0022SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATSS0022SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Digital Attenuator, 5-Bit, 15.5 dB
500 - 2500 MHz
Rev. V2
MAATSS0022
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25 °C, Z0 = 50 , Vs = +5 V, VC = 0 V / 5 V
Parameter
Conditions
Frequency
Units
Min.
Typ.
Max.
Insertion Loss (reference state)
—
0.5 - 0.8 GHz
0.8 - 1.8 GHz
1.8 - 2.2 GHz
2.1 GHz
2.2 - 2.5 GHz
dB
dB
dB
dB
dB
—
—
—
—
—
1.45
1.75
2.05
2.1
2.2
—
—
—
2.5
—
VSWR
Any State
0.5 - 2.5 GHz
Ratio
—
1.6:1
—
Accuracy
Any State
0.5 - 0.8 GHz
0.8 - 1.8 GHz
1.8 - 2.2 GHz
2.1 GHz
2.2 - 2.5 GHz
dB
dB
dB
dB
dB
± (0.3 + 4% atten setting) Typical
± (0.3 + 3% atten setting) Typical
± (0.3 + 6% atten setting) Typical
± (0.3 + 6% atten setting) Min / Max
± (0.3 + 8% atten setting) Typical
Attenuation Range
—
0.5 - 2.5 GHz
dB
—
15.5
—
1 dB Compression Input Power
+3 V
+5 V
0.5 - 2.5 GHz
0.5 - 2.5 GHz
dBm
dBm
—
—
25
30
—
—
IP3
Two tones, Pin < +5 dBm / tone
+3 V
+5 V
0.5 - 2.5 GHz
0.5 - 2.5 GHz
dBm
dBm
—
—
36
46
—
—
Trise, Tfall
10/90% or 90/10% RF
—
µS
—
2
—
Ton, Toff
50% CNTL to 90/10% RF
—
µS
—
2
—
Transients
In Band
—
mV
—
62
—
Supply Current
+3 V
+5 V
—
—
µA
µA
—
—
5
5
40
40
Total Control Current
+3 V
+5 V
—
—
µA
µA
—
—
—
—
100
100
Truth Table 4
Control Inputs
VC5
VC4
VC3
VC2
VC1
Attenuation
(dB)
1
1
1
1
1
Reference
0
1
1
1
1
0.5 dB
1
0
1
1
1
1 dB
1
1
0
1
1
2 dB
1
1
1
0
1
4 dB
1
1
1
1
0
8 dB
0
0
0
0
0
15.5 dB
4. 0 = 0.0 V ± 0.2 V, 1 = Vs = 5.0 V ± 0.2 V.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com