Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16W Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # BAS16W
Description  Silicon Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BAS16W Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  BAS16W Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BAS16W Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BAS16W Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
100
0.2
0.4
VF, FORWARD VOLTAGE (VOLTS)
0.6
0.8
1.0
1.2
10
1.0
0.1
TA = 85°C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
10
20
30
40
50
0
VR, REVERSE VOLTAGE (VOLTS)
2.0
24
6
8
Figure 4. Forward Voltage
Figure 5. Leakage Current
Figure 6. Capacitance
TA = -40°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = 85°C
TA = 55°C
TA = 25°C
http://www.yeashin.com
2
REV.02 20140305
DEVICE CHARACTERISTICS
BAS16W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com