Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2-2428PC Datasheet(PDF) 3 Page - Hirose Electric

Part # DF2-2428PC
Description  2.5mm Pitch Connector Directly Mounted on Board (Product Compliant to UL/CSA Standard)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF2-2428PC Datasheet(HTML) 3 Page - Hirose Electric

  DF2-2428PC Datasheet HTML 1Page - Hirose Electric DF2-2428PC Datasheet HTML 2Page - Hirose Electric DF2-2428PC Datasheet HTML 3Page - Hirose Electric DF2-2428PC Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
B134
sCrimping Plug
sCrimping Contact
Conductor Size (Wire construction)
Jacket Diameter
AWG #24 (11cores. /0.16mm)
AWG #26 (07cores. /0.16mm)
Ø0.9 to Ø1.5mm
AWG #28 (07cores. /0.127mm)
qApplicable Cable (Tin plating annealed copper wire)
Part Number
CL No.
Packaging Type
Quantity
Finish
DF2-2428PCF
542-0020-0
Reel
1000
Tin plated
DF2-2428PC
542-0021-3
Bag
100
Tin plated
qRecommended Cable
UL1061, UL1007
qStrip Length
1.6 to 2.1mm
Note: If other cables are used instead of the applicable cable, contact Hirose sales
department.
Photo: Contact Inserted.
BApplicable Crimping Tool
Type
Part Number
CL No.
Applicable Contact
Applicator
AP105-DF2-2428P
901-4506-1
DF2-2428PCF
Main press unit
CM-105
901-0005-4
---------------
Manual Crimping Tool
DF2-TA2428HC
550-0172-3
DF2-2428PC
Extraction Tool
DF-C-PO(A)
550-0170-8
DF2-2428PCF
Note: If any trouble has occurred due to other tools, which are not designated by Hirose,
Hirose won't guarantee any products.
qPrinted Board Through-hole Diameter : Ø0.8 +0.1
+0
Note1: Contact No. indicates all number of contacts.
Note2: Do not clean the cable with heat nor trichloroethane.
Note : A packaging quantity at the specific No."None" is delivered by the bag unit . If needed, please order the product per bag.
Unit: mm
[Specific No.] –* *, (* *)
None
:100 pcs. per bag
Part Number
CL No.
DF2- 2P-2.5C(**)
DF2- 3P-2.5C(**)
DF2- 4P-2.5C(**)
DF2- 5P-2.5C(**)
DF2- 6P-2.5C(**)
DF2- 7P-2.5C(**)
DF2- 8P-2.5C(**)
DF2- 9P-2.5C(**)
DF2-10P-2.5C(**)
542-0001-6-**
542-0002-9-**
542-0003-1-**
542-0004-4-**
542-0005-7-**
542-0006-0-**
542-0007-2-**
542-0008-5-**
542-0009-8-**
2
3
4
5
6
7
8
9
10
5
7.5
10
12.5
15
17.5
20
22.5
25
2.5
5
7.5
10
12.5
15
17.5
20.5
22.5
Number of Contacts
A
B
Part Number
CL No.
DF2-11P-2.5C(**)
DF2-12P-2.5C(**)
DF2-13P-2.5C(**)
DF2-14P-2.5C(**)
DF2-15P-2.5C(**)
DF2-16P-2.5C(**)
DF2-18P-2.5C(**)
DF2-20P-2.5C(**)
542-0010-7-**
542-0011-0-**
542-0012-2-**
542-0013-5-**
542-0014-8-**
542-0015-0-**
542-0017-6-**
542-0019-1-**
11
12
13
14
15
16
18
20
27.5
30
32.5
35
37.5
40
45
50
25
27.5
30
32.5
35
37.5
42.5
47.5
Number of Contacts
A
B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com