Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72002NH Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 72002NH
Description  Industrial Ethernet Cables
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

72002NH Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  72002NH Datasheet HTML 1Page - List of Unclassifed Manufacturers 72002NH Datasheet HTML 2Page - List of Unclassifed Manufacturers 72002NH Datasheet HTML 3Page - List of Unclassifed Manufacturers 72002NH Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Mechanical, Physical and/or Environmental Characteristics
Flame Resistance
IEC 60332-1
Oil Resistance
IEC 60811-2-1
Bending Radius / Setting Radius
10 x Diameter / 5 x Diameter
Halogen Free
IEC 60754-1 / IEC 60754-2 (FRNC and PUR Cable)
Jacket)
Maximum Pulling Tension
40N
Temperature Range - Installation
-5
oC to +50 oC
Temperature Range - Operating
-40
oC to +80 oC
Version 03 (07/10)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com