Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WSFL Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # BAV20WSFL
Description  200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BAV20WSFL Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  BAV20WSFL Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BAV20WSFL Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BAV20WSFL Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20121119
BAV19WSFL Thru BAV21WSFL
200mW SOD-323 SURFACE MOUNT
Small Outline Flat Lead Plastic Package
High Voltage Switching Diode
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
200
mW
VRRM
Maximum Repetitive Reverse Voltage
250
V
TSTG
Storage Temperature Range
-65 to +150
°C
TJ
Operating Junction Temperature
+150
°C
IF (AV)
Average Rectified Forward Current
200
mA
IFSM
Non-repetitive Peak Forward Current
Pulse Width = 1.0 Second
Pulse Width = 1.0 µsecond
1.0
4.0
A
A
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
ƒ Flat Lead SOD-323 Small Outline Plastic Package
ƒ Surface Device Type Mounting
ƒ Moisture Sensitivity Level 1
ƒ RoHS Compliant
ƒ Green EMC
ƒ Matte Tin(Sn) Lead Finish
ƒ Band Indicates Cathode
Electrical Characteristics
TA = 25°C unless otherwise noted
Limits
Symbol
Parameter
Test Condition
Min
Max
Unit
BV
Breakdown Voltage
BAV19WSFL
BAV20WSFL
BAV21WSFL
IR=100µA
120
200
250
---
---
---
Volts
Volts
Volts
IR
Reverse Leakage Current
BAV19WSFL
BAV20WSFL
BAV21WSFL
VR=100V
VR=150V
VR=200V
---
---
---
100
100
100
nA
nA
nA
VF
Forward Voltage
IF=100mA
IF=200mA
---
---
1.0
1.25
Volts
Volts
TRR
Reverse Recovery Time
IF=IR=30mA
RL=100
:
IRR=3mA
---
50
nS
C
Capacitance
VR=0V, f=1MHZ
---
5.0
pF
DEVICE MARKING CODE:
Device Type
Device Marking
BAV19WSFL
S5
BAV20WSFL
S6
BAV21WSFL
S7
ELECTRICAL SYMBOL
Cathode
Anode
SOD-323 Flat Lead
H


Similar Part No. - BAV20WSFL

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
BAV20WSFL YFWDIODE-BAV20WSFL Datasheet
445Kb / 3P
For surface mounted applications
logo
Yea Shin Technology Co....
BAV20WSFL-A YEASHIN-BAV20WSFL-A Datasheet
836Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
More results

Similar Description - BAV20WSFL

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BAV19WS TAK_CHEONG-BAV19WS Datasheet
131Kb / 4P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
logo
Yea Shin Technology Co....
1N4148WSFL YEASHIN-1N4148WSFL Datasheet
758Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
1N4148WSFL-A YEASHIN-1N4148WSFL-A Datasheet
821Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
1N4448WSFL YEASHIN-1N4448WSFL Datasheet
758Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
1N4448WSFL-A YEASHIN-1N4448WSFL-A Datasheet
821Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
BAV19WSFL YEASHIN-BAV19WSFL Datasheet
822Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
BAV19WSFL-A YEASHIN-BAV19WSFL-A Datasheet
836Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
BAV20WSFL-A YEASHIN-BAV20WSFL-A Datasheet
836Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
BAV21WSFL YEASHIN-BAV21WSFL Datasheet
822Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
BAV21WSFL-A YEASHIN-BAV21WSFL-A Datasheet
836Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com