Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF4-9P-2C Datasheet(PDF) 4 Page - Hirose Electric

Part # DF4-9P-2C
Description  2mm Pitch Connector Directly Mounted on Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF4-9P-2C Datasheet(HTML) 4 Page - Hirose Electric

  DF4-9P-2C Datasheet HTML 1Page - Hirose Electric DF4-9P-2C Datasheet HTML 2Page - Hirose Electric DF4-9P-2C Datasheet HTML 3Page - Hirose Electric DF4-9P-2C Datasheet HTML 4Page - Hirose Electric DF4-9P-2C Datasheet HTML 5Page - Hirose Electric DF4-9P-2C Datasheet HTML 6Page - Hirose Electric DF4-9P-2C Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
B173
[Specific No.] – **, (**)
Blank: 1 bag: 100pcs.
Unit:mm
CL No.
Part Number
544-0078-3-**
544-0079-6-**
544-0080-5-**
544-0081-8-**
544-0082-0-**
544-0083-3-**
544-0084-6-**
544-0085-9-**
544-0086-1-**
544-0087-4-**
544-0088-7-**
544-0089-0-**
544-0090-9-**
544-0091-1-**
544-0092-4-**
DF4-04DP-2C (**)
DF4-06DP-2C (**)
DF4-08DP-2C (**)
DF4-10DP-2C (**)
DF4-12DP-2C (**)
DF4-14DP-2C (**)
DF4-16DP-2C (**)
DF4-18DP-2C (**)
DF4-20DP-2C (**)
DF4-22DP-2C (**)
DF4-24DP-2C (**)
DF4-26DP-2C (**)
DF4-28DP-2C (**)
DF4-30DP-2C (**)
DF4-32DP-2C (**)
Number of Contacts
04
06
08
10
12
14
16
18
20
22
24
26
28
30
32
A
B
04.8
06.8
08.8
10.8
12.8
14.8
16.8
18.8
20.8
22.8
24.8
26.8
28.8
30.8
32.8
02.0
04.0
06.0
08.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
Note 1.The quantity at the specific No. "None" is delivered per bag (100pcs.). If needed, please order the products per bag.
Note:The dip side may be deviated according to the cable thickness and the crimping contact bent up/down.
sDouble Row Crimping Plug
Photo: Contact insertion state
q Applicable Through-hole Diameter Ø0.9±0.05



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com