Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0107SMB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0107SMB
Description  GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0107SMB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0107SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0107SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0107SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0107SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0107SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GaAs Broadband DPDT Diversity Switch
1.0 - 6.0 GHz
Rev. V1
MASWSS0107
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, Z0 = 50  , VC = 0 V / 3 V, 5 pF Capacitor
3
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss4
2.4 GHz
2 - 4 GHz
4 - 5 GHz
4.9 - 6 GHz
dB
dB
dB
dB
1.0
1.1
1.2
1.2
1.3
Isolation
(Input to Output)
One Path Active
2.4 GHz
4.9 - 6 GHz
dB
dB
36
38
32
Isolation
(Input to Output)
Both Paths Active
2.4 GHz
4.9 - 6 GHz
dB
dB
33
27
Isolation
(Antenna to Antenna)
(Tx - Rx)
One Path Active
2.4 GHz
4.9 - 6 GHz
2.4 GHz
4.9 - 6 GHz
dB
dB
dB
dB
31
22
30
27
Isolation
(Antenna to Antenna)
(Tx - Rx)
Both Paths Active
2.4 GHz
4.9 - 6 GHz
2.4 GHz
4.9 - 6 GHz
dB
dB
dB
dB
25
20
25
27
Return Loss
2.4 GHz
4.9 - 6 GHz
dB
dB
21
19
IP2
Two Tone, 15 dBm/tone, 5 MHz Spacing
2.4 GHz
4.9 - 6 GHz
dBm
dBm
91
90
IP3
Two Tone, 15 dBm/tone, 5 MHz Spacing
2.4 GHz
4.9 - 6 GHz
dBm
dBm
53
51
Input P0.1dB
2.4 GHz
4.9 - 6 GHz
dBm
dBm
27
29
Input P1dB
2.4 GHz
4.9 - 6 GHz
dBm
dBm
33
32
2nd Harmonic
PIN = 20 dBm
2.4 GHz
5.8 GHz
dBm
dBm
-77
-75
3rd Harmonic
PIN = 20 dBm
2.4 GHz
5.8 GHz
dBm
dBm
-76
-78
Trise, Tfall
10% to 90% RF
90% to 10% RF
nS
nS
80
70
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
nS
97
Transients
mV
14
Control Current
|Vc| = 3 V
µA
1
10
3. For positive voltage control, external DC blocking capacitors are required on all RF ports.
4. Insertion loss can be optimized by varying the DC blocking capacitor value.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com