Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRETHE025 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # FRETHE025
Description  3.3V CMOS 25.000MHz Ethernet VCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

FRETHE025 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  FRETHE025 Datasheet HTML 1Page - Pericom Semiconductor Corporation FRETHE025 Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All specifications are subject to change without notice.
FRETHE025
Rev B
07/12/12
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.pericom.com
3.3V CMOS 25.000MHz Ethernet VCXO
FRETHE025
Application Specific Voltage Controlled
Crystal Oscillator 7.0 x 5.0mm
ASSP VCXO
Package:
Pin Functions:
Pin
Function
1
Control Voltage
2
Enable/Disable
3
Ground
4
Output
5
N/C
6
VDD
Recommended Land Pattern:
Part Ordering Information:
FRETHE025
*Extended high frequency power decoupling is recommended (see test circuit for minimum
recommendation). To ensure optimal performance, do not route RF traces beneath the
package.
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
7.0 x 5.0mm Ceramic SMD
ASSP VCXO™ for Ethernet
Product Features
• Very low Pk to Pk jitter - 50ps Max
• Low supply current - 10mA Max
• Low power standby mode
• RoHS Compliant
Product Description
This is an enhanced 3.3V, 25.000MHz
with superb jitter and low operating current
for providing clock references in Ethernet
applications.
Applications
• Ethernet
1
(Scale: none, Dimensions are in mm)
12-0050


Similar Part No. - FRETHE025

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRE160D INTERSIL-FRE160D Datasheet
49Kb / 6P
41A, 100V, 0.050 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRE160H INTERSIL-FRE160H Datasheet
49Kb / 6P
41A, 100V, 0.050 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRE160R INTERSIL-FRE160R Datasheet
49Kb / 6P
41A, 100V, 0.050 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRE260D INTERSIL-FRE260D Datasheet
49Kb / 6P
31A, 200V, 0.080 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRE260H INTERSIL-FRE260H Datasheet
49Kb / 6P
31A, 200V, 0.080 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
More results

Similar Description - FRETHE025

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
VHA6029036AA PLETRONICS-VHA6029036AA Datasheet
188Kb / 8P
3.3V VCXO CMOS Oscillator
VHD6031035AA PLETRONICS-VHD6031035AA Datasheet
143Kb / 7P
3.3V VCXO CMOS Oscillator
logo
Pericom Semiconductor C...
FRSONT019 PERICOM-FRSONT019 Datasheet
895Kb / 2P
3.3V CMOS 19.44MHz SONET VCXO
FRSONT038 PERICOM-FRSONT038 Datasheet
896Kb / 2P
3.3V CMOS 38.880MHz SONET VCXO
FRSONT077 PERICOM-FRSONT077 Datasheet
831Kb / 2P
3.3V CMOS 77.76MHz SONET VCXO
FRTELE016 PERICOM-FRTELE016 Datasheet
884Kb / 2P
3.3V CMOS 16.384MHz Telecom VCXO
FRXDSL035 PERICOM-FRXDSL035 Datasheet
875Kb / 2P
3.3V CMOS 35.328MHz DSL VCXO
PRETHE156 PERICOM-PRETHE156 Datasheet
899Kb / 2P
3.3V PECL 156.25MHz Ethernet VCXO
YNWMAX153 PERICOM-YNWMAX153 Datasheet
905Kb / 2P
3.3V CMOS 153.6MHz WiMAX VCXO
YNETHE125 PERICOM-YNETHE125 Datasheet
898Kb / 2P
3.3V CMOS 125.000MHz Ethernet VCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com