Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF5-1822SCF Datasheet(PDF) 2 Page - Hirose Electric

Part # DF5-1822SCF
Description  5mm Pitch Miniature Potting Connector for Secondary Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF5-1822SCF Datasheet(HTML) 2 Page - Hirose Electric

  DF5-1822SCF Datasheet HTML 1Page - Hirose Electric DF5-1822SCF Datasheet HTML 2Page - Hirose Electric DF5-1822SCF Datasheet HTML 3Page - Hirose Electric DF5-1822SCF Datasheet HTML 4Page - Hirose Electric DF5-1822SCF Datasheet HTML 5Page - Hirose Electric DF5-1822SCF Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
B86
sProduct Specifications
Item
Specification
Condition
1. Insulation Resistance 1000M ohms min.
500V DC
2. Withstanding voltage No flashover or insulation breakdown.
1500V AC/1 minute
3. Contact Resistance 30m ohms max.
100mA
4. Single Insertior/
0.3N (30gt) min., 4.5N (450gt) max.
Measured with 1.14±0.002mm steel pin
Extraction Force
5. Vibration
No electrical discontinuity of 10µs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
6. Humidity (Steady state) Contact resistance: 30m ohms max., Insulation resistance: 500M ohms min.
96 hours at temperature of 40ç and humidity of 90% to 95%
7. Temperature Cycle No damage, cracks, or parts looseness.
(–55ç: 30 minutes➝15 to 35ç: 10 minutes➝85ç: 30 minutes➝5 to 35ç: 10 minutes ) 5 cycles
8. Durability (Mating/un-mating) Contact resistance: 30m ohms max.
30 cycles
9.Resistance to
No deformation of
Flow: 260ç for 10 seconds
Soldering heat
components affecting performance.
Manual soldering: 300ç for 3 seconds
Product
Part
Material
Finish
Remarks
Crimping Socket
Insulator
Polyamide
White
UL94V-0
Crimping Contact for Socket
Contact
Phosphor bronze
Tin plated
--------------------
Pin header
Insulator
Polyamide
Beige
UL94V-0
Contact
Brass
Tin plated
--------------------
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature
Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during
transportation.
sMaterial
Note: Hirose's tin plating process takes measures against whisker.
sOrdering Information
qConnector
qContact
No. of rows
No. of contacts
AWG#18
AWG#20
AWG#22
Single row
2 to 10
8A
6A
5A
Operating Temperature Range
–35 to +85ç(Note 1)
48A
6A
5A
Operating Moisture Range
20 to 80%
68A
6A
5A
Rating
Current rating
87A
6A
5A
Double row
10
7A
6A
5A
12
7A
6A
4A
Storage Temperature Range
–10 to +60ç(Note 2)
14
7A
5A
4A
Storage Humidity Range
40 to 70%(Note 2)
16
7A
5A
4A
Voltage rating
500V AC
Contact Pitch: 5mm
Contact type
C
: Crimping Socket
DSA : Straight pin header
Series Name: DF 5A
Number of contacts: Single row: 2 to 10
Double row: 4 to 10
Connector type
S
: Single row socket
DS
: Double row socket
P
: Single row header
DP
: Double row header
packaging type
SCF : Socket contact, reel packaging
SC : Socket contact, bag packaging
Applicable cable type
None: UL 1007
A: UL 1015
Applicable cable size
1822: AWG#18~#22
DF5A
- * S - 5 C
1
2
3
4
5
DF5A - 1822 SCF
1
2
3
1
1
3
2
4
5
2
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com