Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1B-30SCA Datasheet(PDF) 13 Page - Hirose Electric

Part # DF1B-30SCA
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B-30SCA Datasheet(HTML) 13 Page - Hirose Electric

Back Button DF1B-30SCA Datasheet HTML 9Page - Hirose Electric DF1B-30SCA Datasheet HTML 10Page - Hirose Electric DF1B-30SCA Datasheet HTML 11Page - Hirose Electric DF1B-30SCA Datasheet HTML 12Page - Hirose Electric DF1B-30SCA Datasheet HTML 13Page - Hirose Electric DF1B-30SCA Datasheet HTML 14Page - Hirose Electric DF1B-30SCA Datasheet HTML 15Page - Hirose Electric DF1B-30SCA Datasheet HTML 16Page - Hirose Electric DF1B-30SCA Datasheet HTML 17Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
B165
[Specific No.] –* *, (* *)
Blank: 100 pcs. per pack
KApplicable Socket: DF1B-*ES-2.5RC
[Specific No.] –* *, (* *)
Blank: 100 pcs. per pack
KApplicable Socket: DF1B-*DES-2.5RC
s Single Row In-line Plug (Full Lock Type)
Note 1.The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
Note 1.The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
Unit: mm
Part Number
CL No.
DF1B- 8EP-2.5RC(**)
DF1B- 9EP-2.5RC(**)
DF1B-10EP-2.5RC(**)
DF1B-11EP-2.5RC(**)
DF1B-12EP-2.5RC(**)
DF1B-13EP-2.5RC(**)
541-0338-3-**
541-0339-6-**
541-0340-5-**
541-0341-8-**
541-0342-0-**
541-0343-3-**
8
9
10
11
12
13
23.9
26.4
28.9
31.4
33.9
36.4
17.5
20
22.5
25
27.5
30
Number of Contacts
A
B
Part Number
CL No.
DF1B- 2EP-2.5RC(**)
DF1B- 3EP-2.5RC(**)
DF1B- 4EP-2.5RC(**)
DF1B- 5EP-2.5RC(**)
DF1B- 6EP-2.5RC(**)
DF1B- 7EP-2.5RC(**)
541-0332-7-**
541-0333-0-**
541-0334-2-**
541-0335-5-**
541-0336-8-**
541-0337-0-**
2
3
4
5
6
7
8.9
11.4
13.9
16.4
18.9
21.4
2.5
5
7.5
10
12.5
15
Number of Contacts
A
B
Contact Inserted.
s Double Row In-line Plug (Full Lock Type)
Unit: mm
Part Number
CL No.
DF1B-24DEP-2.5RC(**)
DF1B-26DEP-2.5RC(**)
DF1B-28DEP-2.5RC(**)
DF1B-30DEP-2.5RC(**)
DF1B-32DEP-2.5RC(**)
DF1B-34DEP-2.5RC(**)
541-0372-1-**
541-0373-4-**
541-0374-7-**
541-0375-0-**
541-0376-2-**
541-0377-5-**
24
26
28
30
32
34
34.7
37.2
39.7
42.2
44.7
47.2
27.5
30
32.5
35
37.5
40
Number of Contacts
A
B
Part Number
CL No.
DF1B-10DEP-2.5RC(**)
DF1B-12DEP-2.5RC(**)
DF1B-14DEP-2.5RC(**)
DF1B-16DEP-2.5RC(**)
DF1B-18DEP-2.5RC(**)
DF1B-20DEP-2.5RC(**)
DF1B-22DEP-2.5RC(**)
541-0366-9-**
541-0367-1-**
541-0368-4-**
541-0369-7-**
541-0350-9-**
541-0370-6-**
541-0371-9-**
10
12
14
16
18
20
22
17.2
19.7
22.2
24.7
27.2
29.7
32.2
10
12.5
15
17.5
20
22.5
25
Number of Contacts
A
B
Contact Inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com