Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KX321 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # KX321
Description  CMOS 32.768kHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

KX321 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  KX321 Datasheet HTML 1Page - Pericom Semiconductor Corporation KX321 Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
All specifications are subject to change without notice.
KX321 REV C
08/28/2014
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.saronix-ecera.com
CMOS 32.768kHz
Ultra Low Current KX Series Crystal Oscillator
3.2 x 2.5mm
KX321
Output Enable / Disable Function
Parameter
Min.
Typ.
Max.
Units
Notes
Input Voltage (pin 1), Output Enable
0.7 VDD
V
or open
Input Voltage (pin 1), Output Disable (low power standby)
0.3 VDD
V
Output is Hi-Z
Internal Pullup Resistance
100
kΩ
Output Disable Delay
100
ns
Output Enable Delay
10
ms
Electrical Performance
Parameter
Min.
Typ.
Max.
Units
Notes
Output Frequency
32.768
kHz
Supply Voltage
+1.71
+1.8
+1.89
V
See part ordering options
+2.25
+2.5
+2.75
V
+2.85
+3.0
+3.15
V
+3.0
+3.3
+3.6
V
Supply Current, Output Enabled
10
15
µA
At 15pF load
Supply Current, Standby Mode
0.5
µA
Output Hi-Z
Frequency Stability
±50
ppm
See part ordering options, and note 1
Operating Temperature Range
-40
+85
C
See part ordering options
Output Logic 0, VOL
0.1 VDD
V
Output Logic 1, VOH
0.9 VDD
V
Output Load
15
pF
See Note 2
Duty Cycle
45
55
%
measured 50% of VDD
Rise and Fall Time
35
50
ns
measured 20/80% of VDD
Start-up time
10
ms
Notes:
1. Asspecified.Stabilityincludesallcombinationsofoperatingtemperature,loadchanges,ratedinput(supply)voltagechanges,initialcalibrationtolerance
(25°C),aging(1yearat25°Caverageeffectiveambienttemperature),shockandvibration.
2. Forspecificationsotherthanthoselisted,pleasecontactsales.
Absolute Maximum Ratings
Parameter
Min.
Typ.
Max.
Units
Notes
Storage Temperature
-55
+125
°C
For the latest product information visit:
http://www.pericom.com/products/timing/oscillators/KX321/
For test circuit go to:
http://www.pericom.com/pdf/sre/tc_cmos2.pdf
For soldering reflow profile and reliability test ratings go to:
http://www.pericom.com/pdf/sre/reflow.pdf
For tape and reel information go to:
http://www.pericom.com/pdf/sre/tr_3225_xo.pdf
14-0034



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com