Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBS10S30 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # CBS10S30
Description  Schottky Barrier Diode Silicon Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CBS10S30 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  CBS10S30 Datasheet HTML 1Page - Toshiba Semiconductor CBS10S30 Datasheet HTML 2Page - Toshiba Semiconductor CBS10S30 Datasheet HTML 3Page - Toshiba Semiconductor CBS10S30 Datasheet HTML 4Page - Toshiba Semiconductor CBS10S30 Datasheet HTML 5Page - Toshiba Semiconductor CBS10S30 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CBS10S30
2
4.
4.
4.
4. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Forward voltage
Forward voltage
Forward voltage
Reverse current
Total capacitance
Symbol
VF(1)
VF(2)
VF(3)
IR
Ct
Test Condition
IF = 0.1 A (Pulse test)
IF = 0.5 A (Pulse test)
IF = 1 A (Pulse test)
VR = 30 V (Pulse test)
VR = 0 V, f = 1 MHz
Min
Typ.
0.23
0.31
0.37
0.2
135
Max
0.45
0.5
Unit
V
V
V
mA
pF
5.
5.
5.
5. Marking
Marking
Marking
Marking
Fig.
Fig.
Fig.
Fig. 5.1
5.1
5.1
5.1 Marking
Marking
Marking
Marking
Marking Code
8C
Part Number
CBS10S30
6.
6.
6.
6. Usage Considerations
Usage Considerations
Usage Considerations
Usage Considerations
•
Schottky barrier diodes (SBDs) have reverse leakage greater than other types of diodes. This makes SBDs
more susceptible to thermal runaway under high-temperature and high-voltage conditions. Thus, both
forward and reverse power losses of SBDs should be considered for thermal and safety design.
2014-02-24
Rev.3.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com