Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JT325-1-R Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # JT325-1-R
Description  1.8V ~ 3.3VDC Clipped Sinewave TCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

JT325-1-R Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  JT325-1-R Datasheet HTML 1Page - Pericom Semiconductor Corporation JT325-1-R Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
All specifications are subject to change without notice.
JT325 REV B
04/07/2015
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.pericom.com
1.8V ~ 3.3VDC Clipped Sinewave TCXO
Temperature Compensated Crystal Oscillator (TCXO)
3.2 x 2.5 mm
JT325
For the latest product information visit:
http://www.pericom.com/products/crystals-and-crystal-oscillators/tcxo/?part=JT325
For test circuit go to:
http://www.pericom.com/assets/sre/VCTCXO_CLIPPEDSINE_RevB.pdf
For soldering reflow profile and reliability test ratings go to:
http://www.pericom.com/assets/sre/reflow.pdf
For tape and reel information go to:
http://www.pericom.com/assets/sre/tr_3225_xo.pdf
Electrical Performance
Parameter
Min.
Typ.
Max.
Units
Notes
Output Frequency
10
52
MHz
Supply Voltage
1.8
3.3
V
See ordering options, VDD ±5%
Supply Current
1.5
mA
Output Frequency ≤ 30 MHz
2.0
mA
Output Frequency > 30 MHz
Output Voltage Level
0.8
1.4
V
Pk-Pk
Output Load
Resistance
9
10
11
Capacitance
9
10
11
pF
Frequency Stability
vs Temperature
±0.5
±5.0
ppm
See ordering options
vs Load
±0.2
ppm
±10% load change
vs Voltage
±0.1
ppm
±5% supply voltage change at typical load
Static Temperature Hysteresis
±0.6
ppm
Frequency Aging
±1.0
ppm
First year, +25°C
Frequency Tolerance After Two Reflows
±2.0
ppm
@ +25°C±3°C after one hour recovery
Harmonics
-8
dBc
Operating Temperature Range
-30
+85
°C
See ordering options
Storage Temperature Range
-40
85
°C
Phase Noise at 1KHz offset
-140
dBc/Hz
At 26MHz
Start up Time
2
ms
Notes:
1.
For specifications other than those listed, please contact sales.
2.
Not all combinations of VDD, Operating Temperature Range, Frequency Stabilty and Output Frequency are available.
3.
Frequency Stability vs. Temperature is reference to the mid-point between minimum and maximum frequency values over the specified Operating Temperature
Range
4.
Frequency Stability vs. Voltage and vs. Load changes are reference to the Nominal Frequency at 25°C
15-0078



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com