Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JT325-G-R Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # JT325-G-R
Description  1.8V ~ 3.3VDC Clipped Sinewave TCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

JT325-G-R Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  JT325-G-R Datasheet HTML 1Page - Pericom Semiconductor Corporation JT325-G-R Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
All specifications are subject to change without notice.
JT325 REV B
04/07/2015
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.pericom.com
1.8V ~ 3.3VDC Clipped Sinewave TCXO
JT325
Temperature Compensated Crystal Oscillator
3.2 x 2.5mm
Product Features
• Low Current
• Tight temperature stability
• Clipped Sinewave output levels
• Excellent Phase Noise
• Industrial Temperature Range
• Pb-free and RoHS/Green compliant
• Fast lead time
Product Description
The JT325 TCXO series is a high performance
temperature compensated oscillator with a
Clipped Sinewave output for a very low
operatingsupplycurrent.Itsupportsvariouspower
supply voltages, stabilties and other features. It
is designed to meet tight temperature stability
application requirements.
Applications
• Networking systems
• Video Systems
• GPS/Navigation
• Metering
• Wireless
Package: (scale-none, dimensions in mm)
Recommended Land Pattern:
3.2 x 2.5mm Ceramic SMD
Part Ordering Information:
Following the above format, PSE Technology Corporation part numbers will be assigned
upon confirmation of exact customer requirements.
T50 5 V X FFFF.FFFFFF
A
B
C
Stability
Temp Range -20/+70C -30/+85C -30/+75C -40/+85C
+/-0.5ppm
A
F
K
P
+/-1.0ppm
B
G
L
Q
+/-1.5ppm
C
H
M
R
+/-2.0ppm
D
I
N
S
+/-2.5ppm
E
J
O
T
+/-5.0ppm
W
X
Y
U
Stability and Temp Range:
Frequency:
FFFF.FFFFFF
MHz, “4 digits/decimal/6 digits” format
Voltage:
1=+3.3V
2=+2.5V
3=+1.8V
4=+1.5V
B=+3.0V
C=+2.8V
D=+2.7V
E=+2.85V
F=+2.75V
G=+2.4V
Pin Functions:
Pin
Function
1
Ground
2
Ground
3
Output
4
VDD
6
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
Typical Frequencies available MHz:
10.24
16.369
19.200
25.000
26.000
40.000
JT325
15-0078


Similar Part No. - JT325-G-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
JT3250FA EATON-JT3250FA Datasheet
975Kb / 45P
Moulded Case Circuit Breakers 16-2500 Amperes for IEC 60947-2 Applications
More results

Similar Description - JT325-G-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CVTC325B5 ETC2-CVTC325B5 Datasheet
35Kb / 1P
4 Pad Clipped Sinewave VC - TCXO Oscillator
STE325DS5 ETC2-STE325DS5 Datasheet
40Kb / 1P
6 Pad Clipped Sinewave TCXO Oscillator
logo
Connor-Winfield Corpora...
D32G-016.368M CONNOR-WINFIELD-D32G-016.368M Datasheet
160Kb / 2P
Sub-Miniature Precision 3.2x2.5mm Clipped Sinewave TCXO
D53G-020.0M CONNOR-WINFIELD-D53G-020.0M Datasheet
181Kb / 2P
Sub-Miniature Precision 5.0x3.2mm Clipped Sinewave TCXO
D32G CONNOR-WINFIELD-D32G_09 Datasheet
166Kb / 2P
Sub-Miniature Precision 3.2x2.5mm Clipped Sinewave TCXO
logo
Caliber Electronics Inc...
CVTC CALIBER-CVTC Datasheet
40Kb / 1P
4 Pad Clipped Sinewave VC - TCXO Oscillator
STE315AT5 CALIBER-STE315AT5 Datasheet
45Kb / 1P
6 Pad Clipped Sinewave TCXO Oscillator
logo
Golledge Electronics Lt...
GTXO-91 GOLLEDGE-GTXO-91 Datasheet
171Kb / 2P
1.8V - 3.3V SM TCXO Clipped Sine
logo
Pericom Semiconductor C...
JT255 PERICOM-JT255 Datasheet
861Kb / 2P
1.8V ~ 3.3VDC Clipped Sinewave TCXO
logo
Suntsu Electronics, Inc...
STC32K SUNTSU-STC32K Datasheet
902Kb / 4P
Ceramic SMT 4 Pad Clipped Sinewave (VC)TCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com