Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS04 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # CMS04
Description  TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS04 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  CMS04_13 Datasheet HTML 1Page - Toshiba Semiconductor CMS04_13 Datasheet HTML 2Page - Toshiba Semiconductor CMS04_13 Datasheet HTML 3Page - Toshiba Semiconductor CMS04_13 Datasheet HTML 4Page - Toshiba Semiconductor CMS04_13 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CMS04
2013-11-01
3
Instantaneous forward voltage vF
(V)
iF – vF
Average forward current IF (AV) (A)
PF (AV) – IF (AV)
Average forward current IF (AV) (A)
Average forward current IF (AV) (A)
Tℓ max – IF (AV)
Ta max – IF (AV)
Device mounted on a ceramic board
(board size: 50 mm
× 50 mm)
Average forward current IF (AV) (A)
Tℓ max – IF (AV)
0.1
0.0
1.4
0.2
1
10
100
0.4
0.6
0.8
1.0
1.2
125°C
75°C
Tj = 25°C
1
0.0
2
3
5
6
60
0
20
40
80
100
4
7
8
120
140
α = 60°
180°
270°
DC
120°
Conduction angle:
α
VR = 5 V
360°
0°
α
Rectangular
waveform
IF (AV)
0.0
1.2
0.0
0.4
0.8
1.8
1.6
2.4
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
α = 60°
120°
180°
DC
Conduction angle:
α
360°
0°
α
Rectangular
waveform
1
0.0
2
3
5
6
60
0
20
40
80
100
4
7
8
120
140
α = 60°
270°
DC
180°
120°
Conduction
angle:
α
VR = 5 V
360°
0°
α
Rectangular
waveform
IF (AV)
1
0.0
2
3
5
6
60
0
20
40
80
100
4
7
8
120
140
α = 120°
180°
270°
DC
Conduction angle:
α
VR = 15 V
360°
0°
α
Rectangular
waveform
IF (AV)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com