Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS07 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # CMS07
Description  TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS07 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  CMS07_13 Datasheet HTML 1Page - Toshiba Semiconductor CMS07_13 Datasheet HTML 2Page - Toshiba Semiconductor CMS07_13 Datasheet HTML 3Page - Toshiba Semiconductor CMS07_13 Datasheet HTML 4Page - Toshiba Semiconductor CMS07_13 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CMS07
2013-11-01
2
Marking
Abbreviation Code
Part No.
S7
CMS07
Standard Soldering Pad
Handling Precaution
Schottky barrier diodes have reverse current characteristics compared to other diodes.
There is a possibility SBD may cause thermal runaway when it is used under high temperature or high voltage.
Please take forward and reverse loss into consideration during design.
The absolute maximum ratings denote the absolute maximum ratings, which are rated values and must not be
exceeded during operation, even for an instant. The following are the general derating methods that we recommend
when you design a circuit with a device.
VRRM: Use this rating with reference to the above. VRRM has a temperature coefficient of 0.1%/°C. Take
this temperature coefficient into account designing a device at low temperature.
IF(AV): We recommend that the worst case current be no greater than 80% of the absolute maximum rating
of IF(AV) and Tj be below 120°C. When using this device, take the margin into consideration by
using an allowable Tamax-IF(AV) curve.
IFSM:
This rating specifies the non-repetitive peak current. This is only applied for an abnormal operation,
which seldom occurs during the lifespan of the device.
Tj:
Derate this rating when using a device in order to ensure high reliability. We recommend that the
device be used at a Tj of below 120°C.
Thermal resistance between junction and ambient fluctuates depending on the device’s mounting condition. When
using a device, design a circuit board and a soldering land size to match the appropriate thermal resistance value.
Please refer to the Rectifiers databook for further information.
3.0
1.4
Unit: mm
1.4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com