Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NZ2016SD Datasheet(PDF) 2 Page - NIHON DEMPA KOGYO

Part # NZ2016SD
Description  Low Phase Noise Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NZ2016SD Datasheet(HTML) 2 Page - NIHON DEMPA KOGYO

  NZ2016SD Datasheet HTML 1Page - NIHON DEMPA KOGYO NZ2016SD Datasheet HTML 2Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Crystal Clock Oscillator
Low Phase Noise Type
NZ2016SD
1603C_NZ2016SD_e
mm
mm
2.0±0.1
1.3±0.1
0.675±0.1
#1
#2
#3
#4
C0.20
Mount an approx. 0.01 F bypass capacitor between VCC and GND
(close to the product)
Terminal land connections
#1
#2
#3
#4
STAND-BY
GND
OUTPUT
VCC
Land pattern (Typical)
1.3
0.8
#4
#3
#2
#1
Cby=0.01F
■ Dimensions
0.9VCC
1/2VCC
0.1VCC
Tr
Tf
VOH
VOL
t
T
0V
Symmetry = t/T × 100
[%]
■ Output Waveform <CMOS>
#1 Input
#3 Output
Level H (0.7 VCC ≤ VIH ≤ VCC)
or OPEN is selected.
Oscillation output ON
Level L (VIL ≤ 0.3 VCC) is selected.
High impedance
■ Standby Function
VCC
VCC
VCC
■ Specification Number
Overall Frequency
Tolerance
Operating Temperature
Range (°C)
Supply voltage (V)
+1.8±0.18
+2.5±0.25
+3.0±0.3
+3.3±0.33
±50 × 10-6
–40 to +85
NSA3580G
NSA3581G
NSA3582G
NSA3583G
±30 × 10-6
–10 to +70
NSA3580C
NSA3581C
NSA3582C
NSA3583C
±20 × 10-6
–10 to +60
NSA3580D
NSA3581D
NSA3582D
NSA3583D
Please specify the model name, frequency, and specification number when you order products.
For further questions regarding specifications, please feel free to contact us.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com