Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT17V-6DS-R Datasheet(PDF) 2 Page - Hirose Electric

Part # GT17V-6DS-R
Description  Antenna, Sensor, and Communications Trunk Line Connections
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT17V-6DS-R Datasheet(HTML) 2 Page - Hirose Electric

  GT17V-6DS-R Datasheet HTML 1Page - Hirose Electric GT17V-6DS-R Datasheet HTML 2Page - Hirose Electric GT17V-6DS-R Datasheet HTML 3Page - Hirose Electric GT17V-6DS-R Datasheet HTML 4Page - Hirose Electric GT17V-6DS-R Datasheet HTML 5Page - Hirose Electric GT17V-6DS-R Datasheet HTML 6Page - Hirose Electric GT17V-6DS-R Datasheet HTML 7Page - Hirose Electric GT17V-6DS-R Datasheet HTML 8Page - Hirose Electric GT17V-6DS-R Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Part Number
Conductor Size (AWG)
Outer Diameter
Material
Finish
Copper alloy
Copper alloy
Copper alloy
Tin plating
Tin plating
Tin plating
1.1 to 1.3 mm
0.7 to 1.0 mm
1.1 to 1.3 mm
Packaging
10,000 pcs. per reel
10,000 pcs. per reel
10,000 pcs. per reel
#20 to 22
#24 to 28
#30
GT17-2022SCF
GT17-2428SCF
GT17-30SCF
CL No.
767-0009-0
767-0010-0
767-0064-9
Note: The crimping conditions will differ depending on the construction and material of the cable. In view of this, please make arrangements to
ascertain whether crimping is possible for each cable.
Note: Applicable Cable will have an Insulator diameter of 0.7 to 1.3 mm.
Part Number
GT17V-6DS-2C
CL No.
767-0026-0
Material
Color
Dark gray
Packaging
1
PBT
Part Number
GT17V-6DS-5CF
CL No.
767-0027-2
Material
Finish
Tin plating
Packaging
1
Copper alloy
Outer Diameter
4.8 to 5.2 mm
F Connectors
Center Terminals
(Used with 6, 8, and 10 conductor cable)
F Connectors (6-Conductor Type)
Insulator
Outer terminals
Contact No.1
Contact No.4
Contact No.3
Contact No.6
100



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com