Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10461CIWM Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10461CIWM
Description  10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10461CIWM Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC10461CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10461CIWM Datasheet HTML 9Page - National Semiconductor (TI) ADC10461CIWM Datasheet HTML 10Page - National Semiconductor (TI) ADC10461CIWM Datasheet HTML 11Page - National Semiconductor (TI) ADC10461CIWM Datasheet HTML 12Page - National Semiconductor (TI) ADC10461CIWM Datasheet HTML 13Page - National Semiconductor (TI) ADC10461CIWM Datasheet HTML 14Page - National Semiconductor (TI) ADC10461CIWM Datasheet HTML 15Page - National Semiconductor (TI) ADC10461CIWM Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Applications Information (Continued)
damage to the IC. The sum of all the overdrive currents into
all pins must be less than the Absolute Maximum Rating for
Package Input Current. When the input signal is expected to
extend beyond this limit, an input protection scheme should
be used. A simple input protection network using diodes and
resistors is shown in Figure 4. Note the multiple bypass
capacitors on the reference and power supply pins. If V
REF−
is not grounded, it should also be bypassed to analog ground
using multiple capacitors (see 5.0 “Power Supply Consider-
ations”). AGND and DGND should be at the same potential.
V
IN0 is shown with an input protection network. Pin 17 is
normally left open, but optional “speedup” resistor R
SA can
be used to reduce the conversion time.
4.0 INHERENT SAMPLE-AND-HOLD
Because the ADC10461, ADC10462, and ADC10464
sample the input signal once during each conversion, they
are capable of measuring relatively fast input signals without
the help of an external sample-hold. In a non-sampling
successive-approximation A/D converter, regardless of
speed, the input signal must be stable to better than ±1/2
LSB during each conversion cycle or significant errors will
result. Consequently, even for many relatively slow input
signals, the signals must be externally sampled and held
constant during each conversion if a SAR with no internal
sample-and-hold is used.
Because they incorporate a direct sample/hold control input,
the ADC10461, ADC10462, and ADC10464 are suitable for
use in DSP-based systems. The S/H input allows synchro-
nization of the A/D converter to the DSP system’s sampling
rate
and
to
other
ADC10461s,
ADC10462s,
and
ADC10464s.
5.0 POWER SUPPLY CONSIDERATIONS
The ADC10461, ADC10462, and ADC10464 are designed to
operate from a +5V (nominal) power supply. There are two
supply pins, AV
CC and DVCC. These pins allow separate
external bypass capacitors for the analog and digital portions
of the circuit. To guarantee accurate conversions, the two
supply pins should be connected to the same voltage
source, and each should be bypassed with a 0.1 µF ceramic
capacitor in parallel with a 10 µF tantalum capacitor. De-
pending on the circuit board layout and other system con-
siderations, more bypassing may be necessary.
The ADC10461 has a single ground pin, and the ADC10462
and ADC10464 each have separate analog and digital
ground pins for separate bypassing of the analog and digital
supplies. The devices with separate analog and digital
ground pins should have their ground pins connected to the
same potential, and all grounds should be “clean” and free of
noise.
In systems with multiple power supplies, careful attention to
power supply sequencing may be necessary to avoid over-
driving inputs. The A/D converter’s power supply pins should
be at the proper voltage before digital or analog signals are
applied to any of the other pins.
6.0 LAYOUT AND GROUNDING
In order to ensure fast, accurate conversions from the
ADC10461, ADC10462, and ADC10464, it is necessary to
use appropriate circuit board layout techniques. The analog
ground return path should be low-impedance and free of
noise from other parts of the system. Noise from digital
circuitry can be especially troublesome.
All bypass capacitors should be located as close to the
converter as possible and should connect to the converter
and to ground with short traces. The analog input should be
isolated from noisy signal traces to avoid having spurious
signals couple to the input. Any external component (e.g., a
filter capacitor) connected across the converter’s input
should be connected to a very clean ground return point.
Grounding the component at the wrong point will result in
reduced conversion accuracy.
7.0 DYNAMIC PERFORMANCE
Many applications require the A/D converter to digitize AC
signals, but conventional DC integral and differential nonlin-
earity specifications don’t accurately predict the A/D convert-
er’s performance with AC input signals. The important speci-
fications for AC applications reflect the converter’s ability to
digitize AC signals without significant spectral errors and
without adding noise to the digitized signal. Dynamic char-
01110814
FIGURE 4. Typical Connection
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com