Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS2-151-F Datasheet(PDF) 2 Page - Hirose Electric

Part # HCS2-151-F
Description  RF Coaxial Switches (DC to 15 GHz)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HCS2-151-F Datasheet(HTML) 2 Page - Hirose Electric

  HCS2-151-F Datasheet HTML 1Page - Hirose Electric HCS2-151-F Datasheet HTML 2Page - Hirose Electric HCS2-151-F Datasheet HTML 3Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
140
V.S.W.R. (Max)
DC
~00.4GHz
4
~00.8GHz
8
~12.4GHz
12.4
~0.15GHz
sSpecifications
Part Number
Frequency Range
(GHz)
Insertion Loss (Max)
(dB)
DC~00.4GHz
4~00.8GHz
8~12.4GHz
12.4~0.15GHz
Isolation (Min)
(dB)
Power
(W)
Heat Sink Temperature
at Applicable Voltage
(ç Max)
RMS Voltage Rating
Peak (V)
Switching Time
(ms)
Switching Volt Current
Durability
(Insertion/withdrawal)
Connectors
Type of Switch
Operation
Auxiliary contact point
Weight
(g)
qThe value of the switching current is the maximum value at 20ç.
1.20
1.25
1.40
1.50
HCS2-111-F
HCS2-150-F
DC
~15
0.2
0.3
0.4
0.5
60
15
+50
300
30
DC11~14V
120mA Max
DC9~11V
250mA Max
10000
30000
HRM-J
SPDT
fail-safe
with
without
50
HCS2-110-F
DC11~14V
120mA Max
30000
without
HCS2-140-F
DC15~19V
150mA Max
30000
without
HCS2-121-F
DC18~24.5V
120mA Max
10000
with
HCS2-120-F
DC18~24.5V
120mA Max
30000
without
HCS2-131-F
DC24~30V
70mA Max
10000
with
HCS2-130-F
DC24~30V
70mA Max
30000
without
qThe HCS2 Series is of the fail safe type and designed to make contact by spring force when the drive voltage is not applied. The
application of vibrations or shocks in excess of the spring limit may cause resonance of the spring which results in a loss of contact
stability and intermittent contact.
qThe construction does not prevent the effects of humidity, pressure, or the atmosphere (i.e., gases, oils, and liquids). (Gases, depending
on type, may penetrate the spring material inside. The penetration of gases, oils, or liquids that form a film on the contacts may causes
changes of the insulation or may cause the contacts to cease to conduct.)
qThis product is not magnetically shielded and as such the attention must be paid to the following points.
(1) The plate used to mount this product should be made of non-magnetic material. (Aluminum plate is preferable.)
(2) Avoid the use of magnetic material and anything that may produce a magnetic field such as a magnet in the proximity of the switches
(roughly a 15 mm square).
sPrecautions



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com