Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1016235 Datasheet(PDF) 7 Page - SICK AG

Part # 1016235
Description  POSITION FINDERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1016235 Datasheet(HTML) 7 Page - SICK AG

  1016235 Datasheet HTML 1Page - SICK AG 1016235 Datasheet HTML 2Page - SICK AG 1016235 Datasheet HTML 3Page - SICK AG 1016235 Datasheet HTML 4Page - SICK AG 1016235 Datasheet HTML 5Page - SICK AG 1016235 Datasheet HTML 6Page - SICK AG 1016235 Datasheet HTML 7Page - SICK AG 1016235 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DMP2-P11111 | DMP2
POSITION FINDERS
Brief description
Type
Part no.
Alignment unit for DMP2, incl. mounting material, steel, zinc coated, mounting hardware
included
BEF-GH-DMH2
2020796
Plug connectors and cables
Head A: female connector, M12, 8-pin, straight
Head B: cable
Cable: PVC, shielded, 2 m
DOL-1208-G02MA
6020633
Head A: female connector, M12, 8-pin, straight
Head B: cable
Cable: PVC, shielded, 5 m
DOL-1208-G05MA
6020993
Head A: female connector, M12, 8-pin, straight
Head B: cable
Cable: PVC, shielded, 10 m
DOL-1208-G10MA
6022152
Reflectors
Rectangular, screw connection, wrench size 48 mm, PMMA/ABS, Screw-on, 2 hole
mounting
PL50A
1000132
Rectangular, screw connection, 80 mm x 80 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
PL80A
1003865
Round, self-adhesive, PMMA/ABS, self-adhesive
PL22-2
1003621
2016-05-02 22:08:07 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com