Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF7-1618SC Datasheet(PDF) 4 Page - Hirose Electric

Part # DF7-1618SC
Description  3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF7-1618SC Datasheet(HTML) 4 Page - Hirose Electric

  DF7-1618SC Datasheet HTML 1Page - Hirose Electric DF7-1618SC Datasheet HTML 2Page - Hirose Electric DF7-1618SC Datasheet HTML 3Page - Hirose Electric DF7-1618SC Datasheet HTML 4Page - Hirose Electric DF7-1618SC Datasheet HTML 5Page - Hirose Electric DF7-1618SC Datasheet HTML 6Page - Hirose Electric DF7-1618SC Datasheet HTML 7Page - Hirose Electric DF7-1618SC Datasheet HTML 8Page - Hirose Electric DF7-1618SC Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
s Straight header
B PCB mounting pattern (Board thickness: 1.6 ± 0.1)
Cavity No.
2.49
Ø1.4
M0.64
A
B
P=3.96
(Note2)
No. of contacts
indicator (Note3)
Production Lot No.
P=3.96±0.05(7.92±0.05)
2.49±0.05
B±0.1
Ø1.1
+0.1
0
Ø1.6
+0.1
0
7.8
6.44
0.84
Cavity No.
A
9E26
7.8
Production Lot No.
9E26
Board
Ø3.9 MAX
Ø5 MAX
5.4
+0.1
_0.3
8±0.1
Eyelet
Soldering side
Note 5: One pos. type can also be mounted to boards
that have installed eyelets.
Ø1.6
+0.15
_0.25
mm Without eyelet
for eyelet
1.4
+0.1
_ 0
1 Pos.
2 to 10 Pos.
1 Pos.
2 to 10 Pos.
1 Pos.
2 to 10 Pos.
CL No.
CL680-0133-1
CL680-0036-5
CL680-0037-8
CL680-0038-0
CL680-0039-3
CL680-0040-2
CL680-0041-5
CL680-0042-8
CL680-0043-0
CL680-0044-3
CL680-0108-4
CL680-0109-7
CL680-0110-6
CL680-0111-9
DF7- 1P-3.96DSA
DF7- 2P-3.96DSA
DF7- 3P-3.96DSA
DF7- 4P-3.96DSA
DF7- 5P-3.96DSA
DF7- 6P-3.96DSA
DF7- 7P-3.96DSA
DF7- 8P-3.96DSA
DF7- 9P-3.96DSA
DF7-10P-3.96DSA
DF7- 2P-7.92DSA
DF7- 3P-7.92DSA
DF7- 4P-7.92DSA
DF7- 5P-7.92DSA
1
2
3
4
5
6
7
8
9
10
2
3
4
5
-------------
10.40
14.36
18.32
22.28
26.24
30.20
34.16
38.12
42.08
14.36
22.28
30.20
38.12
-------------
3.96
7.92
11.88
15.84
19.80
23.76
27.72
31.68
35.64
7.92
15.84
23.76
31.68
Part Number
Number of contacts
A
B
Note 1) Bag packaging (100 pieces/bag). Order by number of bags.
Note 2) The 2 pos. type does not have walls on both sides.
Note 3) DF7-2P-7.92DSA plug has #2 contact positions of DF7-3P-3.96DSA without contacts inserted and the number of pos. indication is 2.
(Mating receptacle: DF7#-3S-3-96C)
DF7-3P-7.92DSA plug has #2 and #4 contact positions of DF7-5P-3.96DSA without contacts inserted and the number of pos. indication is 3.
(Mating receptacle: DF7#-5S-3-96C)
DF7-4P-7.92DSA plug has #2, #4 and #6 contact of DF7-7P-3.96DSA without contacts inserted and the number of pos. indication is 4.
(Mating receptacle: DF7#-7S-3-96C)
DF7-5P-7.92DSA plug has #2, #4, #6 and #8 contact positions of DF7-9P-3.96DSA without contacts inserted and the number of pos. indication is 5.
(Mating receptacle: DF7#-9S-3-96C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com