Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS42SMVM16400M Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS42SMVM16400M
Description  Auto refresh and self refresh
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42SMVM16400M Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS42SMVM16400M Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42SMVM16400M Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42SMVM16400M Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42SMVM16400M Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42SMVM16400M Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42SMVM16400M Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42SMVM16400M Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42SMVM16400M Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42SMVM16400M Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2
www.issi.com - DRAM@issi.com
Rev. 00A | Nov. 2014
IS42SM/RM/VM16400M
Advanced Information
Figure1: 54Ball FBGA Ball Assignment
[Top View]
A
B
C
D
E
F
G
H
J
1
2
3
4
5
6
7
8
9
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
UDQM
CLK
CKE
NC
A11
A9
A8
A7
A6
VSS
A5
A4
VDDQ
DQ0
VDD
VSSQ
DQ2
DQ1
VDDQ
DQ4
DQ3
VSSQ
DQ6
DQ5
/CAS
/RAS
/WE
BA0
BA1
/CS
A0
A1
A10
A3
A2
VDD
DQ8
NC
VSS
VDD
LDQM
DQ7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com