Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10664 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10664
Description  10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10664 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC10664 Datasheet HTML 1Page - National Semiconductor (TI) ADC10664 Datasheet HTML 2Page - National Semiconductor (TI) ADC10664 Datasheet HTML 3Page - National Semiconductor (TI) ADC10664 Datasheet HTML 4Page - National Semiconductor (TI) ADC10664 Datasheet HTML 5Page - National Semiconductor (TI) ADC10664 Datasheet HTML 6Page - National Semiconductor (TI) ADC10664 Datasheet HTML 7Page - National Semiconductor (TI) ADC10664 Datasheet HTML 8Page - National Semiconductor (TI) ADC10664 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ADC10662/ADC10664
10-Bit 360 ns A/D Converter with Input Multiplexer and
Sample/Hold
General Description
Using an innovative, patented multistep* conversion tech-
nique, the 10-bit ADC10662 and ADC10664 are 2- and
4-input
CMOS
analog-to-digital
converters
offering
sub-microsecond conversion times yet dissipating a maxi-
mum of only 235 mW. The ADC10662 and ADC10664 per-
form a 10-bit conversion in two lower-resolution “flashes”,
thus yielding a fast A/D without the cost, power dissipation,
and other problems associated with true flash approaches.
In addition to standard static performance specifications
(Linearity, Full-Scale Error, etc.) dynamic performance (THD,
S/N) is guaranteed.
The analog input voltage to the ADC10662 and ADC10664 is
sampled and held by an internal sampling circuit. Input sig-
nals at frequencies from dc to over 250 kHz can therefore be
digitized accurately without the need for an external
sample-and-hold circuit.
The ADC10662 and ADC10664 include a “speed-up” pin.
Connecting an external resistor between this pin and ground
reduces the typical conversion time to as little as 360 ns.
For ease of interface to microprocessors, the ADC10662 and
ADC10664 have been designed to appear as a memory lo-
cation or I/O port without the need for external interface
logic.
Features
n Built-in sample-and-hold
n Single +5V supply
n 2- or 4-input multiplexer options
n No external clock required
Key Specifications
n Conversion time to 10 bits:
360 ns typical, 466 ns
max over temperature
n Sampling Rate:
1.5 MHz (min)
n Low power dissipation:
235 mW (max)
n Total harmonic distortion (50 kHz):
−60 dB (max)
n No missing codes over temperature
Applications
n Digital signal processor front ends
n Instrumentation
n Disk drives
n Mobile telecommunications
Ordering Information
ADC10662
Industrial
(−40˚C
≤ T
A ≤ +85˚C)
Package
ADC10662CIWM
M24B Small Outline
ADC10664
Industrial
(−40˚C
≤ T
A ≤ +85˚C)
Package
ADC10664CIWM
M28B Small Outline
*U.S. Patent Number 4918449
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
June 1999
© 1999 National Semiconductor Corporation
DS011192
www.national.com


Similar Part No. - ADC10664

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10664 TI1-ADC10664 Datasheet
974Kb / 22P
ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664 TI1-ADC10664 Datasheet
1,008Kb / 23P
10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664 TI1-ADC10664 Datasheet
1,010Kb / 22P
10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWM TI1-ADC10664CIWM Datasheet
974Kb / 22P
ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWM TI1-ADC10664CIWM Datasheet
1,008Kb / 23P
10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
More results

Similar Description - ADC10664

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
333Kb / 14P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10664CIWMX TI1-ADC10664CIWMX Datasheet
974Kb / 22P
ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10061 TI1-ADC10061_14 Datasheet
1Mb / 23P
ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
ADC10662 TI1-ADC10662_14 Datasheet
1,008Kb / 23P
10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 TI1-ADC10461_15 Datasheet
1Mb / 23P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 TI1-ADC10662_15 Datasheet
1,010Kb / 22P
10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com