Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10732CIWM Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10732CIWM
Description  10-Bit Plus Sign Serial I/O A/D Converters with Mux,
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10732CIWM Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC10732CIWM Datasheet HTML 4Page - National Semiconductor (TI) ADC10732CIWM Datasheet HTML 5Page - National Semiconductor (TI) ADC10732CIWM Datasheet HTML 6Page - National Semiconductor (TI) ADC10732CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC10732CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10732CIWM Datasheet HTML 9Page - National Semiconductor (TI) ADC10732CIWM Datasheet HTML 10Page - National Semiconductor (TI) ADC10732CIWM Datasheet HTML 11Page - National Semiconductor (TI) ADC10732CIWM Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Electrical Characteristics (Continued)
Part Number
Thermal Resistance
Package
Type
ADC10731CIWM
90˚C/W
M16B
ADC10732CIWM
80˚C/W
M20B
ADC10734CIMSA
134˚C/W
MSA20
ADC10734CIWM
80˚C/W
M20B
ADC10738CIWM
75˚C/W
M24B
Note 6: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged di-
rectly into each pin.
Note 7: See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” or the section titied “Surtace Mount” found in any post 1986 National Semi-
conductor Linear Data Book for other methods of soldering surtace mount devices.
Note 8: Two on-ohip diodes are tied to each analog input as shown below. They will forward-conduct for analog input voltages one diode drop below ground or one
diode drop greater than V+ supply. Be careful during testing at low V+ levels (+4.5V), as high level analog inputs (+5V) can cause an input diode to conduct, especially
at elevated temperatures, which will cause errors In the conversion result. The specification allows 50 mV forward bias of either diode; this means that as long as
the analog VIN does not exceed the supply voltage by more than 50 mV, the output code will be oorrect. Exceeding this range on an unselected channel will corrupt
the reading of a selected channel. If AV+ and DV+ are minimum (4.5 VDC) and full scale must be ≤+4.55 VDC.
Note 9: No connection exists between AV+ and DV+ on the chip.
To guarantee accuracy, it is required that the AV+ and DV+ be connected together to a power supply with separate bypass filter at eacn V+ pin.
Note 10: One LSB is referenced to 10 bits of resolution.
Note 11: Typicals are at TJ = TA = 25˚C and represent most likely pararmetric norm.
Note 12: Tested limits are guaranteed to National’s AOQL (Average Outgolng Quality Level).
Note 13: Total unadjusted error includes offset, full-scale, linearity, multiplexer, and hold step errors.
Note 14: The DC common-mode error is measured in the differential multiplexer mode with the assigned positive and negative input channels shorted together.
Note 15: Channel leakage current is measured after the channel selection.
Note 16: All the timing specifications are tested at the TTL logic levels, VIL = 0.8V for a falling edge and VIH = 2.0V for a rising. TRl-STATE voltage level is forced
to 1.4V.
Note 17: The voltage applied to the digital inputs will affect the current drain during power down. These devices are tested with CMOS logic levels (logic Low = 0V
and logic High = 5V). TTL levels increase the current, during power down, to about 300 µA.
DS011390-6
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com