Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRM-RPA-JJ-3 Datasheet(PDF) 1 Page - Hirose Electric

Part # HRM-RPA-JJ-3
Description  Rotary Joints
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HRM-RPA-JJ-3 Datasheet(HTML) 1 Page - Hirose Electric

  HRM-RPA-JJ-3 Datasheet HTML 1Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
145
Rotary Joints
HRM-RPA Series
sFeatures
1.Long Life
These non-contact rotary joints have a long life of
103 hours or greater (at 500 r.p.m.).
2.High Performance
High frequency characteristics feature extremely
low loss and a high degree of matching.
V.S.W.R. 1.25 or less (HRM-RPA-JJ-3 1.5~1.7GHz)
3.Low Torque Rotation
Rotation at low torque permits high speed rotation.
Torque of 50 g•cm
HRM-RPA-JJ
HRM-RPA-JJ-3
Part Number
HRM-RPA-JJ-3
1.5~1.7
1.25
0.4
0.2
0.2
500
1,000 (at 500R•P•M)
510
HRM-J
30
HRM-RPA-JJ
5~12.4
1.5
0.4
0.1
0.1
500
1,000 (at 500R•P•M)
510
HRM-J
30
Frequency Range
(GHz)
V.S.W.R.(Max)
Insertion Loss
(dB Max)
WOW
(dB/360° Max)
V.S.W.R. Rotational
(360° Max)
Rotational Speed
(R•P•M)
Durability(Insertion/withdrawal)
(hrs)
Starting Torque
(mN.m Max)
Connectors
Weight
(g)
Ratings
Frequency range (Note)
Characteristic impedance
Maximum Input Power (Note)
1.5 to 12.4 GHz
50 ohms
1 to 30 W
Operating temperature range
Operating relative humidity
-10ç to +65ç
95% Max.
sProduct Specifications
NOTE: The frequency range and maximum usable power will depend on the model.
qThe test method conforms to MIL-STD-202.
Item
Standard
Conditions
1.Insulation resistance
2.Contact resistance
3.Vibration
4.Shock
1,000 M ohms min.
5 m ohms max.
No damage, cracks, or parts dislocation
100 V DC
Measured / 1 A DC
Frequency of 10 to 500 Hz, overall amplitude of 1.5 mm,
acceleration of 98 m/s2 for 4 hours in each of 3 directions
Acceleration of 98 m/s2, sine half-wave waveform, 3 cycles in each of the 3 axis
sMaterials
sSpecifications
sExternal Dimensions
sTypical Data
Part
Materials
Finish
Body
Brass
Nickel plating
Insulator
PTFE
----------
Female contact
Beryllium copper
Gold plating
Ball bearings
----------
----------
5.8 (Spanner width)


Similar Part No. - HRM-RPA-JJ-3

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HRM-101 HIROSE-HRM-101 Datasheet
1Mb / 34P
RFCO-AXIAL CONNECTORS
HRM-101S HIROSE-HRM-101S Datasheet
1Mb / 34P
RFCO-AXIAL CONNECTORS
HRM-102 HIROSE-HRM-102 Datasheet
1Mb / 34P
RFCO-AXIAL CONNECTORS
HRM-102-1 HIROSE-HRM-102-1 Datasheet
1Mb / 34P
RFCO-AXIAL CONNECTORS
HRM-102S HIROSE-HRM-102S Datasheet
1Mb / 34P
RFCO-AXIAL CONNECTORS
More results

Similar Description - HRM-RPA-JJ-3

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
345 APITECH-345 Datasheet
167Kb / 2P
ROTARY JOINTS MINIATURE, IN-LINE, SMA CONNECTORS
344 APITECH-344 Datasheet
183Kb / 2P
ROTARY JOINTS MINIATURE, IN-LINE, SMA CONNECTORS
logo
Productwell Precision E...
R09A11H21 PRODUCTWELL-R09A11H21_14 Datasheet
334Kb / 2P
ROTARY POTENTIOMETER
R10A1MH01 PRODUCTWELL-R10A1MH01_14 Datasheet
250Kb / 2P
ROTARY POTENTIOMETER
R10A12V01 PRODUCTWELL-R10A12V01_14 Datasheet
270Kb / 2P
ROTARY POTENTIOMETER
R12A11V01 PRODUCTWELL-R12A11V01_14 Datasheet
297Kb / 2P
ROTARY POTENTIOMETER
R12712BS1 PRODUCTWELL-R12712BS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
R12723BS1 PRODUCTWELL-R12723BS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
logo
Schneider Electric
VRKP2YYYYY00007 SCHNEIDER-VRKP2YYYYY00007 Datasheet
69Kb / 1P
double telescopic axis mounted with universal joints
Apr 20, 2022
VRKP4YYYYY00007 SCHNEIDER-VRKP4YYYYY00007 Datasheet
69Kb / 1P
double telescopic axis mounted with universal joints
Apr 20, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com