Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC-TM-P1 Datasheet(PDF) 2 Page - Hirose Electric

Part # HSC-TM-P1
Description  Optical Terminators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC-TM-P1 Datasheet(HTML) 2 Page - Hirose Electric

  HSC-TM-P1 Datasheet HTML 1Page - Hirose Electric HSC-TM-P1 Datasheet HTML 2Page - Hirose Electric HSC-TM-P1 Datasheet HTML 3Page - Hirose Electric HSC-TM-P1 Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
84
q Series name
HSC: SC
HSC2: SC2
HRFC:FC
HMUA: MU (Back panel side)
HMUAJ: MU (Package side)
w Terminator
e Connector type
P1,P2: Plug
R1: Receptacle
sProduct Specifications
Operating temperature range
-25
ç to +70ç
Storage temperature range
-25
ç to +85ç
Ratings
FC, SC (Plug) : 30mW
Max. Input Power
SC (Receptacle) : 10mW
Fiber type
SM-9.5/125
MU (Plug) : 250mW
sOrdering Information
qHRFC Plug type
Part
Material
Coupling
Copper alloy
Body
Stainless steel
Ferrule
Zirconia
sMaterials
HSC - TM - P1
1
2
3
Item
Test Method
Specifications
FC, SC (Plug)
1310nm
FC (Plug)
45dB
Return Loss
SC (Receptacle)
SC (Plug, Receptacle)
40dB
MU (Plug)
1310nm and 1550nm
MU (Plug)
Durability
Number of Insertions and extractions : 500 times
(cycles, mating/unmating)
Vibration
Shock
Composite temperature -
Humidity: 90% ~ 96%
humidity cyclic test
Temperature: -10°C ~ +65°C Duration: 10 cycles (240h)
Change of Temperature
Dry Heat
Temp: 85°C Duration: 500h
Cold
Temp: -25°C Duration: 500h
Salt Mist
Conentration: 5% Duration: 48h
No corrosion.
Sweep range : 10 to 55Hz : durattion : 3h in each
3 mutually perpendicular direction
Acceleration : 981m/s2 : nember of shock : 3 times in each
3 mutually perpendicular direction, total 18 times.
Temperature: -25°C / -25°C ~ +70°C / +70°C / +70°C ~ -25°C
Dura: 60 / 60 / 60 / 60 (min)
Under: 100 cycles
1) Meets Return Loss requirements.
2) No breakage, crack or Looseness on components.
qHSC Receptacle type
Part
Material
Body
Synthetic resin
qHSC Plug type
Part
Material
Body
Synthetic resin
Ferrule
Zirconia
qHMU Plug type
Part
Material
Body
Synthetic resin
Ferrule
Zirconia
}
}



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com