Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-20-3 Datasheet(PDF) 2 Page - Hirose Electric

Part # HT-20-3
Description  Stripline Mounting Non-reflective Terminations
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT-20-3 Datasheet(HTML) 2 Page - Hirose Electric

  HT-20-3 Datasheet HTML 1Page - Hirose Electric HT-20-3 Datasheet HTML 2Page - Hirose Electric HT-20-3 Datasheet HTML 3Page - Hirose Electric HT-20-3 Datasheet HTML 4Page - Hirose Electric HT-20-3 Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
73
sOrdering Information
sSpecifications
HT - 025 - 1
1
2
3
Series Name: HT Series
Power
(Example)0.25:0.25W
1:1W
1
2
Suffix
3
Part Number
Frequnency
Range
(GHz)
V.S.W.R.
(MAX)
Impedance
(Ohms)
Power
(W)
Heat Sink
Temperature at
Maximum Load
(ç Max)
Heat
Resistance
(ç/ W)
Weight
(g)
HT-025-1
DC-8
DC-8
DC-8
DC-15
DC-6
DC-1
DC-5
DC-1
50
1/4
1/4
1/2
10
30
50
1
20
50
50
50
50
50
50
50
1.30
1.30
1.30
1.15(DC-4GHz)
1.25(4-8GHz)
1.45(8-12.4GHz)
1.55(12.4-15GHz)
1.20
1.20
1.25
1.20
+65
50
0.1
0.1
0.3
0.3
3
1.5
0.3
0.6
50
150
9
3
1.6
50
3.8
+65
+65
+65
+65
+65
+65
+65
HT-025-2
HT-05-2
HT-1-1
HT-1-2
HT-1-3
HT-20-3
HT-30-1
HT-50-1
HT-10-2
HT-1-3
HT-10-2
HT-20-3
HT-50-1
CAUTION: Beryllia is used in this product. Please follow associated laws when disposing.
sTypical Data
∆!
∆!
∆!



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com