Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12041 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12041
Description  12-Bit Plus Sign 216 kHz Sampling Analog-to-Digital Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12041 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button ADC12041 Datasheet HTML 17Page - National Semiconductor (TI) ADC12041 Datasheet HTML 18Page - National Semiconductor (TI) ADC12041 Datasheet HTML 19Page - National Semiconductor (TI) ADC12041 Datasheet HTML 20Page - National Semiconductor (TI) ADC12041 Datasheet HTML 21Page - National Semiconductor (TI) ADC12041 Datasheet HTML 22Page - National Semiconductor (TI) ADC12041 Datasheet HTML 23Page - National Semiconductor (TI) ADC12041 Datasheet HTML 24Page - National Semiconductor (TI) ADC12041 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Features and Operating Modes
(Continued)
Since the bus width of the ADC12041 defaults to 8 bits after
power-up, the first action when 13-bit mode is desired must
be to set the bus width to 13 bits.
WMODE
The WMODE pin is used to determine the active edge of the
write pulse. The state of this pin determines which edge of
the WR signal will cause the ADC to latch in data. This is pro-
cessor dependent. If the processor has valid data on the bus
during the falling edge of the WR signal, the WMODE pin
must be tied to V
D+. This will cause the ADC to latch the data
on the falling edge of the WR signal. If data is valid on the ris-
ing edge of the WR signal, the WMODE pin must be tied to
DGND causing the ADC to latch in the data on the rising
edge of the WR signal.
ANALOG INPUTS
The ADCIN+ and ADCIN− are the fully differential noninvert-
ing (positive) and inverting (negative) inputs into the
analog-to-digital converter (ADC) of the ADC12041.
STANDBY MODE
The ADC12041 has a low power consumption mode (75 µW
@ 5V). This mode is entered when a Standby command is
written in the command field of the Configuration register.
The RDY ouput pin is high when the ADC12041 is in the
Standby mode. Any command other than the Standby com-
mand written to the Configuration register will get the
ADC12041 out of the Standby mode. The RDY pin will im-
mediately switch to a logic “0” when the ADC12041 is out of
the standby mode. The ADC12041 defaults to the Standby
mode following a hardware power-up.
SYNC/ASYNC MODE
The ADC12041 may be programmed to operate in synchro-
nous (SYNC-IN) or asynchronous (SYNC-OUT) mode. To
enter synchronous mode, the SYNC bit in the Configuration
register must be set. The ADC12041 is in synchronous mode
after a hardware power-up. In this mode, the SYNC pin is
programmed as an input and conversions are synchronized
to the rising edges of the signal applied at the SYNC pin. Ac-
quisition time can also be controlled by the SYNC signal
when in synchronous mode. Refer to the sync-in timing dia-
grams. When the SYNC bit is cleared, the ADC is in asyn-
chronous mode and the SYNC pin is programmed as an out-
put. In asynchronous mode, the signal at the SYNC pin
indicates the status of the converter. This pin is high when
the converter is performing a conversion. Refer to the
sync-out timing diagrams.
SELECTABLE ACQUISITION TIME
The ADC12041’s internal sample/hold circuitry samples an
input voltage by connecting the input to an internal sampling
capacitor (approximately 70 pF) through an effective resis-
tance equal to the “On” resistance of the analog switch at the
input to the sample/hold circuit (2500
Ω typical) and the effec-
tive output resistance of the source. For conversion results
to be accurate, the period during which the sampling capaci-
tor is connected to the source (the “acquisition time”) must
be long enough to charge the capacitor to within a small frac-
tion of an LSB of the input voltage. An acquisition time of 750
ns is sufficient when the external source resistance is less
than 1 k
Ω and any active or reactive source circuitry settles
to 12 bits in less than 500 ns. When source resistance or
source settling time increase beyond these limits, the acqui-
sition time must also be increased to preserve precision.
In asynchronous (SYNC-OUT) mode, the acquisition time is
controlled by an internal counter. The minimum acquisition
period is 9 clock cycles, which corresponds to the nominal
value of 750 ns when the clock frequency is 12 MHz. Bits b
0
and b
1 of the Configuration Register are used to select the
acquisition time from among four possible values (9, 15, 47,
or 79 clock cycles). Since acquisition time in the asynchro-
nous mode is based on counting clock cycles, it is also in-
versely proportional to clock frequency:
Note that the actual acquisition time will be longer than T
ACQ
because acquisition begins either when the multiplexer
channel is changed or when RDY goes low, if the multiplexer
channel is not changed. After a read is performed, RDY goes
high, which starts the T
ACQ counter (see Figure 9).
In synchronous (SYNC-IN) mode, bits b
0 and b1 are ignored,
and the acquisition time depends on the sync signal applied
to the SYNC pin. The acquisition period begins on the falling
edge of RDY , which occurs at the end of the previous con-
version (or at the end of an autozero or autocalibration pro-
cedure. The acquisition period ends when SYNC goes high.
To estimate the acquisition time necessary for accurate con-
versions when the source resistance is greater than 1 k
Ω,
use the following expression:
where R
S is the source resistance, and RS/H is the sample/
hold “On” resistance.
If the settling time of the source is greater than 500 ns, the
acquisition time should be about 300 ns longer than the set-
tling time for a “well-behaved”, smooth settling characteristic.
FULL CALIBRATION CYCLE
A full calibration cycle compensates for the ADC’s linearity
and offset errors. The converter’s DC specifications are
guaranteed only after a full calibration has been performed.
A full calibration cycle is initated by writing a Ful-Cal com-
mand to the ADC12041. During a full calibration, the offset
error is measured eight times, averaged and a correction co-
efficient is created. The offset correction coefficient is stored
in an internal offset correction register.
The overall linearity correction is achieved by correcting the
internal DAC’s capacitor mismatches. Each capacitor is
compared eight times against all remaining smaller value ca-
pacitors. The errors are averaged out and correction coeffi-
cients are created.
Once the converter has been calibrated, an arithmetic logic
unit (ALU) uses the offset and linearity correction coefficients
to reduce the conversion offset and linearity errors to within
guaranteed limits.
AUTO-ZERO CYCLE
During an auto-zero cycle, the offset is measured only once
and a correction coefficient is created and stored in an inter-
nal offset register. An auto-zero cycle is initiated by writing an
Auto-Zero command to the ADC12041.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com