Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDGPON155 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PDGPON155
Description  3.3V PECL Low Jitter 155.52MHz GPON XO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PDGPON155 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PDGPON155 Datasheet HTML 1Page - Pericom Semiconductor Corporation PDGPON155 Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.pericom.com
All specifications are subject to change without notice.
PDGPON155 Rev E
07/13/12
3.3V PECL Low Jitter 155.52MHz GPON XO
PDGPON155
Application Specific Crystal Oscillator 5.0 x 3.2mm
TM
Product Features
• Very low phase jitter
• Thicker crystal for improved reliability
• Pb-free & RoHS compliant
• Industrial temperature range
Product Description
The PD series 3.3V, 155.52MHz crystal
clock oscillator achieves superb jitter for
GPON applications. The output clock
signal, generated internally with a custom
oscillator design, is compatible with LVPECL
logic levels. The device, available on tape
and reel, is contained in a 5.0 x 3.2mm
surface-mount ceramic package.
Applications
• GPON Optical Network Unit (ONU)
• GPON Optical Line Termination (OLT)
• GPON Gateway
Package:
Recommended Land Pattern:
Part Ordering Information:
PDGPON155
*Extended high frequency power decoupling is recommended (see test circuit for minimum
recommendation). To ensure optimal performance, do not route RF traces beneath the
package.
ASSP XO™ for Networking
Pin Functions:
Pin
Function
1
OE Function
2
N/C
3
VEE
4
OUT
5
OUT
6
VCC
1
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
5.0 x 3.2mm Ceramic SMD
(Scale: none, Dimensions are in mm)
12-0053


Similar Part No. - PDGPON155

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PDG-02A-250 MERRIMAC-PDG-02A-250 Datasheet
84Kb / 1P
0 POWER DIVIDERS / COMBINERS
PDG-02A-500 MERRIMAC-PDG-02A-500 Datasheet
84Kb / 1P
0 POWER DIVIDERS / COMBINERS
PDG-02B-1000 MERRIMAC-PDG-02B-1000 Datasheet
59Kb / 1P
0 POWER DIVIDERS/ COMBINERS
PDG-02B-1005 MERRIMAC-PDG-02B-1005 Datasheet
59Kb / 1P
0 POWER DIVIDERS/ COMBINERS
PDG-02B-1005SQ MERRIMAC-PDG-02B-1005SQ Datasheet
428Kb / 1P
0째 DIVIDERS / COMBINERS
More results

Similar Description - PDGPON155

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
SN10GE156 PERICOM-SN10GE156 Datasheet
554Kb / 2P
3.3V PECL Low Jitter 156.25MHz 10GbE XO
SN10GE159 PERICOM-SN10GE159 Datasheet
566Kb / 2P
3.3V PECL Low Jitter 159.375MHz 10Gb-FC XO
SNGPON155 PERICOM-SNGPON155 Datasheet
553Kb / 2P
3.3V PECL Low Jitter 155.52MHz GPON XO
SNSAS2150 PERICOM-SNSAS2150 Datasheet
563Kb / 2P
3.3V PECL Low Jitter 150MHz SAS-2 XO
SXGPON155 PERICOM-SXGPON155 Datasheet
532Kb / 2P
3.3V CMOS Low-Jitter 155.52 MHz GPON XO
LDGPON155 PERICOM-LDGPON155 Datasheet
878Kb / 2P
2.5V LVDS Low Jitter 155.52MHz GPON XO
PD10GE156 PERICOM-PD10GE156 Datasheet
870Kb / 2P
3.3V PECL Low Jitter 156.25MHz 10GbE XO
PD10GE159 PERICOM-PD10GE159 Datasheet
879Kb / 2P
3.3V PECL Low Jitter 159.375MHz 10GbE XO
UX7040GE01 PERICOM-UX7040GE01 Datasheet
973Kb / 2P
3.3V PECL Ultra Low Jitter 156.25MHz XO
UX5040GE01 PERICOM-UX5040GE01 Datasheet
931Kb / 2P
3.3V PECL Ultra Low Jitter 156.25MHz XO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com