Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3HDMI301 Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI3HDMI301
Description  3:1 Active Switch for HDMI Signals with Optimized Equalization for Enhanced Signal Integrity
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI301 Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI3HDMI301 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI301 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3HDMI301 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3HDMI301 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3HDMI301 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3HDMI301 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI3HDMI301 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI3HDMI301 Datasheet HTML 15Page - Pericom Semiconductor Corporation PI3HDMI301 Datasheet HTML 16Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
PS8959B
10/01/09
PI3HDMI301
3:1 Active Switch for HDMI™ Signals with
Optimized Equalization for Enhanced Signal Integrity
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
All trademarks are property of their respective owners.
Recommended Power Supply Decoupling Circuit
Figure 1 is the recommended power supply decoupling circuit configuration. It is recommended to put 0.1μF decoupling capacitors
on each VDD pins of our part, there are four 0.1μF decoupling capacitors are put in Figure 1 with an assumption of only four VDD
pins on our part, if there is more or less VDD pins on our Pericom parts, the number of 0.1μF decoupling capacitors should be adjust-
ed according to the actual number of VDD pins. On top of 0.1μF decoupling capacitors on each VDD pins, it is recommended to put a
10μF decoupling capacitor near our part’s VDD, it is for stabilizing the power supply for our part. Ferrite bead is also recommended
for isolating the power supply for our part and other power supplies in other parts of the circuit. But, it is optional and depends on the
power supply conditions of other circuits.
Figure 1 Recommended Power Supply Decoupling Circuit Diagram
Pe r ic o m Par t
VDD
VDD
VDD
VDD
From main
power supply
0.1μF
0.1μF
0.1μF
0.1μF
Ferrite Bead
10μF
09-0054



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com