Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC-R2-B Datasheet(PDF) 6 Page - Hirose Electric

Part # HSC-R2-B
Description  SC Type Fiber Optic Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC-R2-B Datasheet(HTML) 6 Page - Hirose Electric

  HSC-R2-B Datasheet HTML 1Page - Hirose Electric HSC-R2-B Datasheet HTML 2Page - Hirose Electric HSC-R2-B Datasheet HTML 3Page - Hirose Electric HSC-R2-B Datasheet HTML 4Page - Hirose Electric HSC-R2-B Datasheet HTML 5Page - Hirose Electric HSC-R2-B Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
30
sTool Insertion/Extraction Plug Housings
qShort length type (For 3mm Cable)
qShort length type (For 2mm Cable)
qLight weight type (For 0.9mm fiber)
qStrain relief type
6
36.5
6
36.5
6
33
6
55
Note : Please contact HIROSE for other variations.
CL No.
704-0482-6
704-0481-3
Part Number
HSC2-PH2-E1-A
HSC2-PH2-E2-A
Boot color
Polishing type
Outer jacket fixing
Blue
Light purple
PC
AdPC
Glue
Part Number
CL No.
Fiber cable type
Boot color
Polishing type Outer jacket fixing
HSC2-PH2-E1(31)
704-0329-9-31
Blue
PC
HSC2-PH2-E2(31)
704-0330-8-31
Ø2mm
Light purple
AdPC
Glue
HSC2-PH2-E5(31)
704-3109-9-31
Green
APC
HSC2-PH3-B1(31)
704-0226-6-31
Blue
PC
HSC2-PH3-B2(31)
704-0227-9-31
Ø3mm
Light purple
AdPC
Crimp
HSC2-PH3-B5
704-3123-0
Green
APC
CL No.
704-0015-0-31
Part Number
HSC2-PH3-A(31)
Boot color
Polishing type
Outer jacket attachment
Blue
PC
Crimp
CL No.
704-0421-1-31
704-0422-4-31
Part Number
HSC2-PH0.9-E1(31)
HSC2-PH0.9-E2(31)
Boot color
Blue
Light purple
Polishing type
PC
AdPC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com