Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC-R2-B Datasheet(PDF) 7 Page - Hirose Electric

Part # HSC-R2-B
Description  SC Type Fiber Optic Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC-R2-B Datasheet(HTML) 7 Page - Hirose Electric

  HSC-R2-B Datasheet HTML 1Page - Hirose Electric HSC-R2-B Datasheet HTML 2Page - Hirose Electric HSC-R2-B Datasheet HTML 3Page - Hirose Electric HSC-R2-B Datasheet HTML 4Page - Hirose Electric HSC-R2-B Datasheet HTML 5Page - Hirose Electric HSC-R2-B Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 6 page
background image
31
sFerrules
qFor APC
(1)No gap design.
(2)The entrance angle of the fiber has been set at 60
° for easy fiber insertion.
qFor PC, AdPC and UPC
Minimal gap:(0.1mm max.)
60° fiber entrance angle
1.5
16
1.8
7.95+0.05
0
16.15
8.095 +0.05
0
1.8
sReceptacles
Note: Designed for power meter sensors
15.2
13.4
2-Ø2.3
9
12.2
CL No.
704-0070-9-10
704-0200-2-10
704-0071-1-10
Part Number
HSC-F321-A125(10)
HSC-F321-A1255(10)
HSC-F321-A126(10)
A dimension
0.125
0.1255
0.126
Applicable Fiber cable
SM,MM
CL No.
704-0022-6-05
704-0023-9-05
Part Number
HSC-R1-B(05)
HSC-R2-B(05)
Remarks
For MM
For SM
CL No.
704-3101-7
704-3102-0
704-3103-2
Part Number
HSC-F391-A125
HSC-F391-A126
HSC-F391-A127
A dimension
0.125
0.126
0.127
Applicable Fiber cable
SM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com