Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP1430 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3VDP1430
Description  HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP1430 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI3VDP1430 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP1430 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP1430 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP1430 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP1430 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP1430 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP1430 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3VDP1430 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3VDP1430 Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
PI3HDX412BD
3.4Gbps HDMI 1.4b 1:2 Splitter/Demux with Equalization & Pre-emphasis
7
www.pericom.com
03/24/14
All trademarks are property of their respective owners.
Functional Description
Squelch Mode:
Output Disable (Squelch) Mode uses TMDS Clock channel signal detection. When low voltage levels on the TMDS input clock
signals are detected, Squelch state enables and TMDS output port signals shall disable; when the TMDS clock input signal levels
are above a pre-determined threshold voltage, output ports shall return to the normal voltage swing levels.
When enable Squelch mode, input termination resistor will be enabled together. When Squelch is disabled through I2C register
programming RX_SET[1]="1" and no TMDS input signal condition, TMDS D[0:2]P/N will be undetermined status. In Squelch
state, TMDS output is high impedance state or TMDS output port shall 50 Ohm pull-up at source termination output.
Function Control Table
OE
MS
DR
SEL1
HDMI Outputs
0
x
x
x
All Port Disable
Pin Cotrol Mode
1
0
1
x
All Ports Enable
1
0
0
0
Enable Port 1
1
0
0
1
Enable Port 2
I2C Control Mode
1
1
x
x
I2C Programming Mode
14-0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com