Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP3212 Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI3VDP3212
Description  HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP3212 Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI3VDP3212 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP3212 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP3212 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP3212 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP3212 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3VDP3212 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3VDP3212 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3VDP3212 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3VDP3212 Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
PI3HDX412BD
3.4Gbps HDMI 1.4b 1:2 Splitter/Demux with Equalization & Pre-emphasis
9
www.pericom.com
03/24/14
All trademarks are property of their respective owners.
Offset
Name
Description
Power Up
Condition
Type
0x00
CONFIG[7:0]
[7] Enable TMDS Standby mode.
In standby mode, TMDS equalizer and output driver
shall power down.
"0": Standby mode
"1": Normal mode
[6] Reserved
[5] Output TMDS Port 1 Select
"0": Disable
"1": Enable
[4] Output TMDS Port 2 Selected
"0": Disable
"1": Enable
[3] Reserved
[2:0] Reserved
0xFF
R/W
0x01
RX_SET[7:0]
TMDS Receiver Equalization Setting Registers
[7] Disable Input Port input termination resistors
"0" : Enable Rpd connection
"1" : Disable Rpd connection
[6] TMDS Input termination V-bias selection
"0": Connect to GND
"1": Connect to VDD
[5] V-bias register selection enable
"0": bit[6] control disable
"1": bit[6] control enable
[4:2] EQ programmable setting
b[4:2]
EQ Setting (dB)
000
2.5
001
5
010
7.5
011
10
100
12.5
101
15
110
17.5
111
20
[1] Squelch Control Bit
"0": Squelch enable
"1": Squelch disable
[0] Reserved
0x00
R/W
0x02
Reserved
[7:0] Reserved
0x00
R/W
14-0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com