Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP12412 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3VDP12412
Description  HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP12412 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3VDP12412 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
PI3HDX412BD
3.4Gbps HDMI 1.4b 1:2 Splitter/Demux with Equalization & Pre-emphasis
3
www.pericom.com
03/24/14
All trademarks are property of their respective owners.
Pin # Pin Name
Type Description
1
MS
I
Mode Selection Pin. Internal pull-up at 100K Ohm.
"High" : I2C Control Mode Selection
"Low" : Pin Control Mode Selection
19
20
EQ2/SCL_CTL
EQ1/SDA_CTL
IO
Shared Pin. EQ2 pin or I2C Clock pin. I2C pin is compatible with standard I2C-
Bus specification, up to 400 Kbps.
Pin#1 MS sets "High" : Pin#19 assigns to SCL_CTL pin
Pin#1 MS sets "Low" : Pin#19 assigns to EQ2 pin
Internally Pull-Up at 100 Kohm and Pull-Down at 100 Kohm.
Pin Control EQ setting table is shown below. "M" is Tri-state.
EQ2
(Pin# 19)
EQ1
(Pin# 20)
Equalization Setting
(dB)
Pin#1 MS =
"Low"
0
M
2.5
0
0
5
M
0
7.5
0
1
10
M
M
12.5
1
0
15
1
M
17.5
1
1
20
49
50
51
52
SW1/I2C_ADR0
SW2/I2C_ADR1
EMP1/I2C_ADR2
EMP2/I2C_ADR3
I
Shared Pin. SW or EMP or I2C_ADR pins.
When Pin#1 MS="High" : These Shared Pins assign to I2C_ADR[3:0]
When Pin#1 MS="Low" : These Shared Pins assign to SW1/2 and EMP1/2
These SW2 and SW1 pins control output voltage swing adjustment as following
table. These SW pins have internal Pull-Up 100K Ohm.
SW2 (Pin#50)
SW1 (Pin#49)
Output Voltage Swing
0
0
500 mV
0
1
-10 %
1
0
+10 %
1
1
+20 %
Control Pins
14-0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com