Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRBST1122 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PRBST1122
Description  3.3V PECL 122.88MHz Base Station VCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PRBST1122 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PRBST1122 Datasheet HTML 1Page - Pericom Semiconductor Corporation PRBST1122 Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All specifications are subject to change without notice.
PRBST1122
Rev B
07/13/12
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.pericom.com
3.3V PECL 122.88MHz Base Station VCXO
PRBST1122
Application Specific Voltage Controlled
Crystal Oscillator 7.0 x 5.0mm
ASSP VCXO
Package:
Pin Functions:
Pin
Function
1
Control Voltage
2
Enable/Disable
3
Ground
4
Output
5
Output
6
VCC
Recommended Land Pattern:
Part Ordering Information:
PRBST1122
*Extended high frequency power decoupling is recommended (see test circuit for minimum
recommendation). To ensure optimal performance, do not route RF traces beneath the
package.
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
7.0 x 5.0mm Ceramic SMD
ASSP VCXO™ for Base Station
Product Features
• Very low Pk to Pk jitter - 40ps Max
• Low supply current - 90mA Max
• Low power standby mode
• RoHS Compliant
Product Description
This is an enhanced 3.3V, 122.88MHz
with superb jitter and low operating current
for providing clock references in base
station applications.
Applications
• Base Station
1
(Scale: none, Dimensions are in mm)
12-0053


Similar Part No. - PRBST1122

ManufacturerPart #DatasheetDescription
logo
Comus International
PRB-130-30 COMUS-PRB-130-30 Datasheet
290Kb / 1P
Proximity Switch - Reed Switch based
PRB-130-500 COMUS-PRB-130-500 Datasheet
386Kb / 1P
Cylindrical Proximity Switch - Reed Switch based
PRB-RP-003 COMUS-PRB-RP-003 Datasheet
369Kb / 1P
Cylindrical Proximity Switch - Normally Closed Contacts
PRB-RP-007 COMUS-PRB-RP-007 Datasheet
368Kb / 1P
Cylindrical Proximity Switch - Normally Closed Contacts
PRB-RP-008 COMUS-PRB-RP-008 Datasheet
359Kb / 1P
Reed Based Proximity Switch - Normally Closed Contacts
More results

Similar Description - PRBST1122

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GVXO54 GOLLEDGE-GVXO54 Datasheet
62Kb / 1P
3.3V VCXO Complementary LV-PECL
logo
Fox Electronics
RFV300 FOX-RFV300 Datasheet
264Kb / 1P
3.3V LV-PECL VCXO
logo
Golledge Electronics Lt...
GVXO-34 GOLLEDGE-GVXO-34_15 Datasheet
126Kb / 1P
3.3V & 5V VCXO - Complementary PECL
GVXO-54 GOLLEDGE-GVXO-54_16 Datasheet
183Kb / 2P
3.3V VCXO Complementary LV-PECL
logo
Pericom Semiconductor C...
FRBST1061 PERICOM-FRBST1061 Datasheet
904Kb / 2P
3.3V CMOS 61.44MHz Base Station VCXO
PR-3.3V PERICOM-PR-3.3V Datasheet
281Kb / 4P
3.3V PECL High Frequency VCXO
PRETHE156 PERICOM-PRETHE156 Datasheet
899Kb / 2P
3.3V PECL 156.25MHz Ethernet VCXO
PRSONT155 PERICOM-PRSONT155 Datasheet
914Kb / 2P
3.3V PECL 155.52MHz SONET VCXO
logo
Golledge Electronics Lt...
GVXO-34L GOLLEDGE-GVXO-34L Datasheet
572Kb / 4P
3.3V VCXO - Complementary LV-PECL Output
logo
Maxim Integrated Produc...
DS4077 MAXIM-DS4077_V01 Datasheet
89Kb / 5P
50MHz to 122.88MHz VCXO
2006
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com