Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10732 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10732
Description  10-Bit Plus Sign Serial I/O A/D Converters with Mux,
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10732 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button ADC10732 Datasheet HTML 17Page - National Semiconductor (TI) ADC10732 Datasheet HTML 18Page - National Semiconductor (TI) ADC10732 Datasheet HTML 19Page - National Semiconductor (TI) ADC10732 Datasheet HTML 20Page - National Semiconductor (TI) ADC10732 Datasheet HTML 21Page - National Semiconductor (TI) ADC10732 Datasheet HTML 22Page - National Semiconductor (TI) ADC10732 Datasheet HTML 23Page - National Semiconductor (TI) ADC10732 Datasheet HTML 24Page - National Semiconductor (TI) ADC10732 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Applications Hints (Continued)
3.0 APPLICATIONS INFORMATION
3.1 Multiplexer Configuration
The design of these converters utilizes a sampled-data com-
parator structure, which allows a differential analog input to
be converted by the successive approximation routine.
The actual voltage converted is always the difference be-
tween an assigned “+” input terminal and a “−” input terminal.
The polarity of each input terminal or pair of input terminals
being converted indicates which line the converter expects
to be the most positive.
A unique input multiplexing scheme has been utilized to pro-
vide multiple analog channels. The input channels can be
software
configured
into
three
modes:
differential,
single-ended, or pseudo-differential.
Figure 13 illustrates the
three modes using the 4-channel MUX of the ADC10734.
The eight inputs of the ADC10738 can also be configured in
any of the three modes. The single-ended mode has
CH0–CH3 assigned as the positive input with COM serving
as the negative input. In the differential mode, the
ADC10734 channel inputs are grouped in pairs, CH0 with
CH1 and CH2 with CH3. The polarity assignment of each
channel in the pair is interchangeable. Finally, in the
pseudo-differential mode CH0–CH3 are positive inputs re-
ferred to COM which is now a pseudo-ground. This
pseudo-ground input can be set to any potential within the in-
put common-mode range of the converter. The analog signal
conditioning required in transducer-based data acquisition
systems is significantly simplified with this type of input flex-
ibility.
One
converter
package
can
now
handle
ground-referred inputs and true differential inputs as well as
signals referred to a specific voltage.
The analog input voltages for each channel can range from
50 mV below GND to 50 mV above V
+ = DV+ = AV+ without
degrading conversion accuracy. If the voltage on an unse-
lected channel exceeds these limits it may corrupt the read-
ing of the selected channel.
3.2 Reference Considerations
The voltage difference between the V
REF
+ and V
REF
− inputs
defines the analog input voltage span (the difference be-
tween V
IN(Max) and VIN(Min)) over which 1023 positive and
1024 negative possible output codes apply.
The value of the voltage on the V
REF
+ or V
REF
− inputs can be
anywhere between AV
+ + 50 mV and −50 mV, so long as
V
REF
+ is greater than V
REF
−. The ADC10731/2/4/8 can be
used in either ratiometric applications or in systems requiring
absolute accuracy. The reference pins must be connected to
a voltage source capable of driving the minimum reference
input resistance of 5 k
Ω.
The internal 2.5V bandgap reference in the ADC10731/2/4/8
is available as an output on the VREFOut pin. To ensure op-
timum performance this output needs to be bypassed to
ground with 100 µF aluminum electrolytic or tantalum ca-
pacitor. The reference output can be unstable with capacitive
loads greater than 100 pF and less than 100 µF. Any capaci-
tive loading less than 100 pF and greater than 100 µF will not
cause oscillation. Lower output noise can be obtained by in-
creasing the output capacitance. A 100 µF capacitor will yield
a typical noise floor of
.
The pseudo-differential and differential multiplexer modes al-
low for more flexibility in the analog input voltage range since
the “zero” reference voltage is set by the actual voltage ap-
plied to the assigned negative input pin.
In a ratiometric system (
Figure 14), the analog input voltage
is proportional to the voltage used for the A/D reference. This
voltage may also be the system power supply, so V
REF+ can
also be tied to AV
+. This technique relaxes the stability re-
quirements of the system reference as the analog input and
A/D reference move together maintaining the same output
code for a given input condition.
For absolute accuracy (
Figure 15), where the analog input
varies between very specific voltage limits, the reference pin
can be biased with a time- and temperature-stable voltage
source that has excellent initial accuracy. The LM4040,
LM4041 and LM185 references are suitable for use with the
ADC10731/2/4/8.
The minimum value of V
REF (VREF = VREF+– VREF−) can be
quite small (see Typical Performance Characteristics) to al-
low direct conversion of transducer outputs providing less
than a 5V output span. Particular care must be taken with re-
gard to noise pickup, circuit layout and system error voltage
sources when operating with a reduced span due to the in-
creased sensitivity of the converter (1 LSB equals V
REF/
1024).
3.3 The Analog Inputs
Due to the sampling nature of the analog inputs, at the clock
edges short duration spikes of current will be seen on the se-
lected assigned negative input. Input bypass capacitors
should not be used if the source resistance is greater than
1k
Ω since they will average the AC current and cause an ef-
fective DC current to flow through the analog input source re-
sistance. An op amp RC active lowpass filter can provide
both impedance buffering and noise filtering should a high
impedance signal source be required. Bypass capacitors
may be used when the source impedance is very low without
any degradation in performance.
In a true differential input stage, a signal that is common to
both “+” and “−” inputs is canceled. For the ADC10731/2/4/8,
the positive input of a selected channel pair is only sampled
once before the start of a conversion during the acquisition
time (t
A). The negative input needs to be stable during the
complete conversion sequence because it is sampled before
each decision in the SAR sequence. Therefore, any AC
common-mode signal present on the analog inputs will not
be completely canceled and will cause some conversion er-
rors. For a sinusoid common-mode signal this error is:
V
ERROR(max) = VPEAK (2 π fCM)(tC)
where f
CM is the frequency of the common-mode signal,
V
PEAK is its peak voltage value, and tC is the A/D’s conver-
sion time (t
C
= 12/f
CLK).
For example, for a 60 Hz
common-mode signal to generate a 1⁄4 LSB error (0.61 mV)
with a 4.8 µs conversion time, its peak value would have to
be approximately 337 mV.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com