Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1205 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1205
Description  12-Bit Plus Sign mP Compatible A/D Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1205 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC1205 Datasheet HTML 9Page - National Semiconductor (TI) ADC1205 Datasheet HTML 10Page - National Semiconductor (TI) ADC1205 Datasheet HTML 11Page - National Semiconductor (TI) ADC1205 Datasheet HTML 12Page - National Semiconductor (TI) ADC1205 Datasheet HTML 13Page - National Semiconductor (TI) ADC1205 Datasheet HTML 14Page - National Semiconductor (TI) ADC1205 Datasheet HTML 15Page - National Semiconductor (TI) ADC1205 Datasheet HTML 16Page - National Semiconductor (TI) ADC1205 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Functional Description (Continued)
ADC1205
Case 1 would be the only one that would appy to the
ADC1205 since two RD strobes are necessary to retrieve
the 13 bits of information on the 8 bit data bus Simulta-
neously strobing WR and RD low will enable the most signif-
icant byte on DB0 – DB7 and start a conversion Pulsing
WR RD low before the end of this conversion will enable
the least significant byte of data on the outputs and restart a
conversion
40 REFERENCE VOLTAGE
The voltage applied to the reference input of the converter
defines the voltage span of the analog inputs (the difference
between VIN(a) and VIN(b) over which 4096 positive out-
put codes and 4096 negative output codes exist The
A-to-D can be used in either ratiometric or absolute refer-
ence applications VREF must be connected to a voltage
source capable of driving the reference input resistance
(typically 4 kX)
In a ratiometric system the analog input voltage is propor-
tional to the voltage used for the AD reference When this
voltage is the system power supply the VREF pin can be
tied to VCC This technique relaxes the stability requirement
of the system reference as the analog input and AD refer-
ence move together maintaining the same output code for a
given input condition
For absolute accuracy where the analog input varies be-
tween very specific voltage limits the reference pin can be
biased with a time and temperature stable voltage source
In general the magnitude of the reference voltage will re-
quire an initial adjustment to null out full-scale errors
50 THE ANALOG INPUTS
51 DIFFERENTIAL VOLTAGE INPUTS AND COMMON
MODE REJECTION
The differential inputs of the ADC1225 and ADC1205 actu-
ally reduce the effects of common-mode input noise ie
signals common to both VIN(a) and VIN(b) inputs (60 Hz is
most typical) The time interval between sampling the ‘‘a’’
and ‘‘b‘‘ input is 4 clock periods Therefore a change in the
common-mode voltage during this short time interval may
cause conversion errors For a sinusoidal common-mode
signal the error would be
VERROR(MAX) e VPEAK (2q fCM)
4
fCLK
where fCM is the frequency of the common-mode signal
VPEAK is its peak voltage value and fCLK is the converter’s
clock frequency In most cases VERROR will not be signifi-
cant For a 60 Hz common-mode signal to generate a
LSB error (300 mV) with the converter running at 1 MHz its
peak value would have to be 200mV
52 INPUT CURRENT
Due to the sampling nature of the analog inputs short dura-
tion spikes of current enter the ‘‘a’’ input and exit the ‘‘b’’
input at the leading clock edges during the actual conver-
sion These currents decay rapidly and do not cause errors
as the internal comparator is strobed at the end of a clock
period
53 INPUT BYPASS CAPACITORS
Bypass capacitors at the inputs will average the current
spikes mentioned in 52 and cause a DC current to flow
through the output resistance of the analog signal source
This charge pumping action is worse for continuous conver-
sions with the VIN(a) input voltage at full-scale For continu-
ous conversions with a 1 MHz clock frequency and the
VIN(a) input at 5V the average input current is approximate-
ly 5 mA For this reason bypass capacitors should not be
used at the analog inputs for high resistance sources
(RSOURCE 100 X)
If input bypass capacitors are necessary for noise filtering
and high source resistance is desirable to minimize capacitor
size the detrimental effects of the voltage drop across this
input resistance due to the average value of the input cur-
rent can be minimized with a full-scale adjustment while the
given source resistance and input bypass capacitor are both
in place This is effective because the average value of the
input current is a linear function of the differential input volt-
age
54 INPUT SOURCE RESISTANCE
Large values of source resistance where an input bypass
capacitor is not used will not cause errors as the input cur-
rents settle out prior to the comparison time If a low pass
filter is required in the system use a low valued series resis-
tor (Rs100 X) for a passive RC section or add an op amp
RC active low pass filter For low source resistance applica-
tions (RSOURCEs100 X) a 0001 mF bypass capacitor at
the inputs will prevent pickup due to series lead inductance
of a long wire A 100 X series resistor can be used to isolate
this capacitor – both the R and C are placed outside the
feedback loop – from the output of an op amp if used
55 NOISE
The leads to the analog inputs should be kept as short as
possible to minimize input noise coupling Both noise and
undesired digital clock coupling to these inputs can cause
errors Input filtering can be used to reduce the effects of
these sources but careful note should be taken of sections
53 and 54 if this route is taken
60 POWER SUPPLIES
Noise spikes on the VCC supply line can cause conversion
errors as the comparator will respond to this noise Low
inductance tantalum capacitors of 1 mF or greater are rec-
ommended for supply bypassing Separate bypass caps
should be placed close to the DVCC and AVCC pins If an
unregulated voltage source is available in the system a sep-
arate LM340LAZ-50 voltage regulator for the A-to-D’s VCC
(and other analog circuitry) will greatly reduce digital noise
on the supply line
70 ERRORS AND REFERENCE VOLTAGE
ADJUSTMENTS
71 ZERO ADJUST
The zero error of the AD converter relates to the location
of the first riser of the transfer function and can be mea-
sured by grounding the VIN(b) input and applying a small
magnitude positive voltage to the VIN(a) input Zero error is
the difference between the actual DC input voltage neces-
sary to just cause an output digital code transition from all
zeroes to 0000000000001 and the ideal
LSB value (
LSBe061 mV for VREFe5VDC) Zero error can be adjust-
ed as shown in
Figure 15 VIN(a) is forced to 061 mV and
VIN(b) is forced to 0V The potentiometer is adjusted until
the digital output code changes from all zeroes to
000000000001
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com