Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMCX-R-316/U Datasheet(PDF) 8 Page - Hirose Electric

Part # MMCX-R-316/U
Description  Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 Mountable)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MMCX-R-316/U Datasheet(HTML) 8 Page - Hirose Electric

  MMCX-R-316/U Datasheet HTML 1Page - Hirose Electric MMCX-R-316/U Datasheet HTML 2Page - Hirose Electric MMCX-R-316/U Datasheet HTML 3Page - Hirose Electric MMCX-R-316/U Datasheet HTML 4Page - Hirose Electric MMCX-R-316/U Datasheet HTML 5Page - Hirose Electric MMCX-R-316/U Datasheet HTML 6Page - Hirose Electric MMCX-R-316/U Datasheet HTML 7Page - Hirose Electric MMCX-R-316/U Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
B38
sConversion Adaptor
qSMA Conversion Adaptor (Mating area: SMA side plug – MMCX side jack)
13.74
8HEX
3.64
CL No.
Part Number
311-0312-1
HRMP-MMCXJ
qSMA Conversion Adaptor (Mating area: SMA side jack – MMCX side plug)
14
6
4.05
1/4_36UNS_2A
spanner engaged width : 5.6
CL NO.
Part Number
311-0313-4
HRMJ-MMCXP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com