Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91200MT/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91200MT/NOPB
Description  Configurable AFE for Low-Power Chemical-Sensing Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP91200MT/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMP91200MT/NOPB Datasheet HTML 1Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 2Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 3Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 4Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 5Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 6Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 7Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 8Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
VDD
VDD
GND
GND
VOUT
VOCM
VREF
GND
VCMHI
NC
NC
GUARD1
GUARD2
INP
VCM
GND
LMP91200
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
3
LMP91200
www.ti.com
SNAS571E – JANUARY 2012 – REVISED FEBRUARY 2016
Product Folder Links: LMP91200
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
D = Digital, A = Analog, P = Power, G = GND
5 Pin Configuration and Functions
PW Package
16-Pin TSSOP
Top View
Pin Functions(1)
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VDD
P
Positive Power Supply
2
NC
A
No connect. These pins should be left floating
3
NC
A
No connect. These pins should be left floating
4
GUARD1
A
Active guard pin
5
INP
A
Noninverting analog input of pH buffer
6
GUARD2
A
Active guard pin
7
VCMHI
A
High Impedance Common-Mode output
8
VCM
A
Buffered Common-Mode output
9
VREF
A
Voltage reference input
10
GND
G
Analog ground
11
VOCM
A
Output common-mode voltage
12
VOUT
A
Analog Output
13
GND
G
Connect to GND
14
VDD
P
Connect to VDD
15
GND
G
Connect to GND
16
GND
G
Connect to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com