Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12130 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12130
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12130 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC12130 Datasheet HTML 1Page - National Semiconductor (TI) ADC12130 Datasheet HTML 2Page - National Semiconductor (TI) ADC12130 Datasheet HTML 3Page - National Semiconductor (TI) ADC12130 Datasheet HTML 4Page - National Semiconductor (TI) ADC12130 Datasheet HTML 5Page - National Semiconductor (TI) ADC12130 Datasheet HTML 6Page - National Semiconductor (TI) ADC12130 Datasheet HTML 7Page - National Semiconductor (TI) ADC12130 Datasheet HTML 8Page - National Semiconductor (TI) ADC12130 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
ADC12130/ADC12132/ADC12138
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D
Converters with MUX and Sample/Hold
General Description
The ADC12130, ADC12132 and ADC12138 are 12-bit plus
sign successive approximation A/D converters with serial I/O
and configurable input multiplexer. The ADC12132 and
ADC12138 have a 2 and an 8 channel multiplexer, respec-
tively. The differential multiplexer outputs and A/D inputs are
available on the MUXOUT1, MUXOUT2, A/DIN1 and A/DIN2
pins. The ADC12130 has a two channel multiplexer with the
multiplexer outputs and A/D inputs internally connected. The
ADC12130 family is tested with a 5 MHz clock. On request,
these A/Ds go through a self calibration process that adjusts
linearity, zero and full-scale errors to typically less than ±1
LSB each.
The analog inputs can be configured to operate in various
combinations
of
single-ended,
differential,
or
pseudo-differential modes. A fully differential unipolar analog
input range (0V to +5V) can be accommodated with a single
+5V supply. In the differential modes, valid outputs are ob-
tained even when the negative inputs are greater than the
positive because of the 12-bit plus sign output data format.
The serial I/O is configured to comply with the NSC MI-
CROWIRE™. For voltage references, see the LM4040 or
LM4041.
Features
n
Serial I/O (MICROWIRE, SPI and QSPI Compatible)
n
2 or 8 channel differential or single-ended multiplexer
n
Analog input sample/hold function
n
Power down mode
n
Programmable acquisition time
n
Variable digital output word length and format
n
No zero or full scale adjustment required
n
0V to 5V analog input range with single 5V power
supply
Key Specifications
n
Resolution:
12-bit plus sign
n
12-bit plus sign conversion time:
8.8 µs (max)
n
12-bit plus sign throughput time:
14 µs (max)
n
Integral linearity error:
±2 LSB (max)
n
Single supply:
3.3V or 5V ±10%
n
Power consumption
— 3.3V
15 mW (max)
— 3.3V power down
40 µW (typ)
— 5V
33 mW (max)
— 5V power down
100 µW (typ)
Applications
n
Pen-based computers
n
Digitizers
n
Global positioning systems
ADC12138 Simplified Block Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
COPS™ microcontrollers, HPC™ and MICROWIRE™ are trademarks of National Semiconductor Corporation.
DS012079-1
March 2000
© 2000 National Semiconductor Corporation
DS012079
www.national.com


Similar Part No. - ADC12130

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 42P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 52P
ADC12130/ADC12132/ADC12138 Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12130CIN NSC-ADC12130CIN Datasheet
1Mb / 42P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130CIWM NSC-ADC12130CIWM Datasheet
1Mb / 42P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results

Similar Description - ADC12130

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12L030 NSC-ADC12L030 Datasheet
828Kb / 36P
3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
ADC12L030 NSC-ADC12L030_06 Datasheet
1Mb / 35P
3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 TI1-ADC12130_14 Datasheet
2Mb / 52P
ADC12130/ADC12132/ADC12138 Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com