Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POD3-R-1 Datasheet(PDF) 1 Page - Hirose Electric

Part # POD3-R-1
Description  Push-Pull Complete Locking Coaxial Connectors (PC Card Type 2 Mountable)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

POD3-R-1 Datasheet(HTML) 1 Page - Hirose Electric

  POD3-R-1 Datasheet HTML 1Page - Hirose Electric POD3-R-1 Datasheet HTML 2Page - Hirose Electric POD3-R-1 Datasheet HTML 3Page - Hirose Electric POD3-R-1 Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
B23
Push-Pull Complete Locking Coaxial Connectors (PC Card Type
2
2 Mountable)
POD3 Series
sFeatures
1. Excellent push-pull complete locking
method for ease of operation
The connector coupling portion uses a Hirose Electric
original push-pull complete locking system.
1) A sure lock is obtained by holding the connector outside
tube portion and just giving it a light push.
2) Positive lock prevents easy disconnection.
To remove the connector, just hold the connector outside
tube portion and pull for a simple release of the lock
sApplications
Wireless LAN cards, GPS cards, and miniature wireless
communications devices.
sFunction Diagrams
Jack Side
sJack
POD3-J-DFS111
sReceptacle
POD3-R-1
sConversion Adapter
(Coupling portion: SMA side jack - POD3 side jack)
HRMJ-POD3J
Plug Side
sPlug Receptacle
POD3-PR-1
sConversion Adapter
(Coupling portion: SMA side jack - POD3 side plug)
HRMJ-POD3P
2. Type II PC Card Mountable
The receptacle thickness is 3.9 mm which permits
mounting to the back side of a type II card.
(Note) that at the time of card mounting, use of 0.3mm offset of the board mounting
surface from the card center line will result in the same card center axis and
connector center axis.
3. High Degree of Matching
The top-touch system used for the coupling method
achieves high frequency performance from 0 to 3 GHz
with a V.S.W.R. of 1.3 or less.
4. Ultra-Miniature
As a complete locking type, this series achieves a size
reduction of approximately 50% in the direction of the
diameter as compared to our original POD1 Series.
5. Accommodates Ultra-Fine Cable
These connectors accommodate the use of ultra-fine
coaxial Teflon cable which permits high-density wiring
inside equipment.
Ø1.48 (single-layer shielded cable)
....CO-6F FH-SB manufactured by Hitachi Cable, Ltd.
....DFS111-UL1979 manufactured by Junkosha Co., Ltd.
Board Mounting Example


Similar Part No. - POD3-R-1

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
POD-19X10.6-6P-SW FERYSTER-POD-19X10.6-6P-SW Datasheet
129Kb / 1P
BOBBIN MATERIAL: PHENOLIC PIN MATERIAL: CP WIRE UL REC. UL 94V-0
logo
Advantech Co., Ltd.
POD-6552 ADVANTECH-POD-6552 Datasheet
274Kb / 2P
Onboard Intel짰 Celeron짰 M SBC with VGA/LCD and Ethernet
POD-6552L-00A1E ADVANTECH-POD-6552L-00A1E Datasheet
274Kb / 2P
Onboard Intel짰 Celeron짰 M SBC with VGA/LCD and Ethernet
POD-6552L-M0A1E ADVANTECH-POD-6552L-M0A1E Datasheet
274Kb / 2P
Onboard Intel짰 Celeron짰 M SBC with VGA/LCD and Ethernet
POD-6552L-S0A1E ADVANTECH-POD-6552L-S0A1E Datasheet
274Kb / 2P
Onboard Intel짰 Celeron짰 M SBC with VGA/LCD and Ethernet
More results

Similar Description - POD3-R-1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MMCX-LP-FHSB HIROSE-MMCX-LP-FHSB Datasheet
188Kb / 8P
Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 Mountable)
MRF01-J-178 HIROSE-MRF01-J-178 Datasheet
106Kb / 4P
Push-On Coaxial Connectors (PC Card Type 2 Mountable)
POD1-J-1.5V-C HIROSE-POD1-J-1.5V-C Datasheet
149Kb / 4P
POD1 SERIES PUSH-ON LOCKING MICROMINIATURE COAXIAL CONNECTORS
logo
Amphenol Corporation
00110930040 AMPHENOL-00110930040 Datasheet
2Mb / 36P
PUSH-PULL CONNECTORS
logo
AVX Corporation
006200167032800 AVX-006200167032800 Datasheet
2Mb / 36P
pUSH-pULL CONNECTORS
logo
List of Unclassifed Man...
HR10-10P-12S ETC1-HR10-10P-12S Datasheet
2Mb / 20P
Push-Pull Connectors
HR10A-TC-02 ETC2-HR10A-TC-02 Datasheet
2Mb / 20P
Push-Pull Connectors
logo
Glenair, Inc.
824-001 GLENAIR-824-001 Datasheet
238Kb / 1P
Locking Push-Pull Mighty Mouse Plug
logo
Hirose Electric
MMCX HIROSE-MMCX Datasheet
166Kb / 8P
Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 Mountable)
logo
Amphenol Aerospace Oper...
2MRAM AAO-2MRAM Datasheet
276Kb / 2P
Positive-Locking Push-Pull Interface
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com