Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4GTL2002UE Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI4GTL2002UE
Description  2-bit bidirectional low voltage translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4GTL2002UE Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI4GTL2002UE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4GTL2002UE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4GTL2002UE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4GTL2002UE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4GTL2002UE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4GTL2002UE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4GTL2002UE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4GTL2002UE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI4GTL2002UE Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2016-01-0001
PT0579
01/27/16
8
PI4GTL2002
2-bit bidirectional low voltage translator
Pull-up resistor minimum values, 3 mA driver /sink current for PI4GTL2002
SREF Side
DREF side
1.5V
1.8V
2.5V
3.3V
5.0V
0.8V
RPU(S) = 825Ω
RPU(D) = 825Ω
RPU(S) = 936Ω
RPU(D) = 936Ω
RPU(S) = none
RPU(D) = 899Ω
Or both 1.20kΩ
RPU(S) = none
RPU(D) = 1.20kΩ
Or both 1.49kΩ
RPU(S) = none
RPU(D) = 1.83kΩ
Or both 2.12kΩ
1.0V
RPU(S) = 892Ω
RPU(D) = 892Ω
RPU(S) = 1kΩ
RPU(D) = 1kΩ
RPU(S) = none
RPU(D) = 892Ω
Or both 1.26kΩ
RPU(S) = none
RPU(D) = 1.19kΩ
Or both 1.56kΩ
RPU(S) = none
RPU(D) = 1.82kΩ
Or both 2.19kΩ
1.2V
RPU(S) = 1.07kΩ
RPU(D) = 1.07kΩ
RPU(S) = none
RPU(D) = 886Ω
Or both 1.33kΩ
RPU(S) = none
RPU(D) = 1.18kΩ
Or both 1.63kΩ
RPU(S) = none
RPU(D) = 1.81kΩ
Or both 2.26kΩ
1.5V
RPU(S) = none
RPU(D) = 875Ω
Or both 1.43kΩ
RPU(S) = none
RPU(D) = 1.17kΩ
Or both 1.73kΩ
RPU(S) = none
RPU(D) = 1.8kΩ
Or both 2.36kΩ
1.8V
RPU(S) = 1.53kΩ
RPU(D) = 1.53kΩ
RPU(S) = none
RPU(D) = 1.16kΩ
Or both 1.82kΩ
RPU(S) = none
RPU(D) = 1.79kΩ
Or both 2.46kΩ
2.5V
RPU(S) = 2.06kΩ
RPU(D) = 2.06kΩ
RPU(S) = none
RPU(D) = 1.77kΩ
Or both 2.69kΩ
3.3V
RPU(S) = none
RPU(D) = 1.74kΩ
Or both 2.96kΩ
Pull-up resistor minimum values, 10 mA driver/ sink current for PI4GTL2002
SREF Side
DREF side
1.5V
1.8V
2.5V
3.3V
5.0V
0.8V
RPU(S) = 247Ω
RPU(D) = 247Ω
RPU(S) = 281Ω
RPU(D) = 281Ω
RPU(S) = none
RPU(D) = 270Ω
Or both 359Ω
RPU(S) = none
RPU(D) = 359Ω
Or both 447Ω
RPU(S) = none
RPU(D) = 547Ω
Or both 636Ω
1.0V
RPU(S) = 268Ω
RPU(D) = 268Ω
RPU(S) =300Ω
RPU(D) = 300Ω
RPU(S) = none
RPU(D) = 268Ω
Or both 379Ω
RPU(S) = none
RPU(D) = 357Ω
Or both 468Ω
RPU(S) = none
RPU(D) = 545Ω
Or both 657Ω
1.2V
RPU(S) = 321Ω
RPU(D) = 321Ω
RPU(S) = none
RPU(D) = 266Ω
Or both 399Ω
RPU(S) = none
RPU(D) = 355Ω
Or both 488Ω
RPU(S) = none
RPU(D) = 543Ω
Or both 677Ω
1.5V
RPU(S) = none
RPU(D) = 263Ω
Or both 429Ω
RPU(S) = none
RPU(D) = 352Ω
Or both 518Ω
RPU(S) = none
RPU(D) = 540Ω
Or both 707Ω
1.8V
RPU(S) = 460Ω
RPU(D) = 460Ω
RPU(S) = none
RPU(D) = 348Ω
Or both 548Ω
RPU(S) = none
RPU(D) = 537Ω
Or both 737Ω
2.5V
RPU(S) = 619Ω
RPU(D) = 619Ω
RPU(S) = none
RPU(D) = 521Ω
Or both 808Ω
3.3V
RPU(S) = none
RPU(D) = 522Ω
Or both 889Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com